Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6741XKR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6741XKR
Description  Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6741XKR Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6741XKR Datasheet HTML 1Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 2Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 3Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 4Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 5Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 6Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 7Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 8Page - Maxim Integrated Products MAX6741XKR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET Output Open-Drain
Leakage Current
(MAX6736/MAX6738)
ILKG
Output not asserted low (Note 2)
500
nA
POK1 Output Open-Drain
Leakage
Output not asserted low (Note 2)
500
nA
VCC Reset Delay
tRD
VCC1, VCC2, or RSTIN falling at 10mV/µs
from VTH + 100mV to VTH - 100mV
35
µs
MAX67_ _ _ _ XK_ _D3
150
225
300
VCC Reset Timeout Period
(Note 3)
tRP
MAX67_ _ _ _ XK_ _ D7
1200
1800
2400
ms
MANUAL RESET (MAX6736–MAX6739 only)
MR to VCC1 Internal Pullup
Impedance
0.75
1.5
3.00
k
MR Timeout Period
tMRP
Both D3 and D7 timing options
150
225
300
ms
MR Minimum Input Pulse Width
tMPW
1µs
MR Glitch Rejection
100
ns
VIL
0.3
×
VCC1
MR Input Voltage
VIH
0.8
×
VCC1
V
MR to RESET Delay
300
ns
VCC1 POWER-OK OUTPUT (MAX6741/MAX6744 only)
POK1 Timeout Period
tPOKP
37.5
56.25
75.0
ms
PUSHBUTTON RESET (MAX6740/MAX6741/MAX6742 only)
RESET to VCC1 Internal Pullup
Impedance
25
50
100
k
Manual Reset Detect Debounce
Period
tDEB
(Note 4)
37.5
56.25
75.0
ms
MAX67_ _ _ _ XK_ _D3
150
225
300
Manual Reset Timeout
Period (Note 3)
tMRP
MAX67_ _ _ _ XK_ _ D7
1200
1800
2400
ms
Manual Reset Minimum Input
Pulse Width
tMPW
(Note 4)
1
µs
Manual Reset Release Detect
Threshold
(Note 4)
0.5
×
VCC1
V
Manual Reset Glitch Rejection
(Note 4)
100
ns
Manual Reset to
RESET Delay
300
ns


Similar Part No. - MAX6741XKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6741 MAXIM-MAX6741 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
More results

Similar Description - MAX6741XKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
   Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com