Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6950EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6950EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6950EEE Datasheet HTML 1Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 2Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 3Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 4Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 5Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 6Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 7Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 8Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(Typical operating circuit, V+ = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Slow Segment Blink Period
(Internal Oscillator)
fSLOWBLINK
Eight digits scanned, OSC = RC oscillator,
RSET = 56k
Ω, CSET = 27pF
1s
Fast Segment Blink Period
(Internal Oscillator)
fFASTBLINK
Eight digits scanned, OSC = RC oscillator,
RSET = 56k
Ω, CSET = 27pF
0.5
s
Fast or Slow Segment Blink Duty
Cycle (Note 2)
49.9
50
50.1
%
Digit Drive Sink Current
IDIGIT
TA = +25°C, VLED = 2.4V
240
320
400
mA
Segment Drive Source Current
ISEG
TA = +25°C, VLED = 2.4V
-30
-40
-50
mA
Digit Drive Sink Current (Note 2)
IDIGIT
TA = +25°C, V+ = 2.7V to 3V, VLED = 2.2V
80
mA
Segment Drive Source Current
(Note 2)
ISEG
TA = +25°C, V+ = 2.7V to 3V, VLED = 2.2V
-10
mA
Slew Rate Rise Time
∆ISEG/∆t
TA = +25°C
35
mA/µs
LOGIC INPUTS
Input Current DIN, CLK, CS
IIH, IIL
VIN = 0 or V+
-2
2
µA
Logic High Input Voltage DIN,
CLK, CS
VIH
2.4
V
Logic Low Input Voltage DIN,
CLK, CS
VIL
0.4
V
Hysteresis Voltage DIN, CLK, CS
∆VI
0.5
V
TIMING CHARACTERISTICS (Figure 1)
CLK Clock Period
tCP
38.4
ns
CLK Pulse Width High
tCH
19
ns
CLK Pulse Width Low
tCL
19
ns
CS Fall to CLK Rise Setup TimetCSS
9.5
ns
CLK Rise to CS Rise Hold Time
tCSH
3ns
DIN Setup Time
tDS
9.5
ns
DIN Hold Time
tDH
0ns
CS Pulse High
tCSW
19
ns
TIMING CHARACTERISTICS (V+ = +2.7V) (Note 2)
CLK Clock Period
tCP
50
ns
CLK Pulse Width High
tCH
24
ns
CLK Pulse Width Low
tCL
24
ns
CS Fall to CLK Rise Setup Time
tCSS
12
ns
CLK Rise to CS Rise Hold Time
tCSH
4ns
DIN Setup Time
tDS
12
ns
DIN Hold Time
tDH
4ns
CS Pulse High
tCSW
24
ns
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.


Similar Part No. - MAX6950EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX695 MAXIM-MAX695 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX695 MAXIM-MAX695 Datasheet
205Kb / 17P
   I2C-Compatible RTC in a TDFN
Rev 3; 6/03
MAX695 MAXIM-MAX695 Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
MAX6951EVKIT MAXIM-MAX6951EVKIT Datasheet
319Kb / 9P
   MAX6951 Evaluation Kit
Rev 0; 11/01
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
More results

Similar Description - MAX6950EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
   4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
MAX6953 MAXIM-MAX6953_V01 Datasheet
369Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
2004
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6953 MAXIM-MAX6953 Datasheet
404Kb / 23P
   2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com