Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6837VXSD0 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6837VXSD0
Description  Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6837VXSD0 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6837VXSD0 Datasheet HTML 3Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 4Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 5Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 6Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 7Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 8Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 9Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 10Page - Maxim Integrated Products MAX6837VXSD0 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
at RESET-IN allows for relatively large-value resistors to
be used, which reduce power consumption. For exam-
ple, for a 0.6V monitored trip level, if R2 = 200k
Ω, then
R1 = 70.3k
Ω. Note that the minimum VCC of 1.1V is
required to guarantee the RESET-IN threshold accura-
cy (see Electrical Characteristics table).
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the MAX6832–
MAX6840 are relatively immune to short-duration nega-
tive-going VCC transients (glitches).
Figure 2 shows typical transient duration vs. reset com-
parator overdrive, for which the MAX6832–MAX6840 do
not generate a reset pulse. The graph was generated
using a negative-going pulse applied to VCC, starting
0.1V above the actual reset threshold and ending
below it by the magnitude indicated (reset comparator
overdrive). The graph indicates the maximum pulse
width a negative-going VCC transient can have without
causing a reset pulse. As the magnitude of the tran-
sient increases (goes farther below the reset threshold),
the maximum allowable pulse width decreases. A 0.1µF
bypass capacitor mounted as close as possible to the
VCC pin provides additional transient immunity.
Ensuring a Valid Reset Output
Down to VCC = 0
When VCC falls below 0.55V, the MAX6832/MAX6835/
MAX6838 push-pull RESET output no longer sinks cur-
rent—it becomes an open circuit. Therefore, high-
impedance CMOS logic inputs connected to RESET
can drift to undetermined voltages. This presents no
problem in most applications since most µP and other
circuitry are inoperative with VCC lower than 0.55V.
However, in applications where RESET must be valid
down to 0, adding a pulldown resistor to RESET causes
any stray leakage currents to flow to ground, holding
RESET low (Figure 3). R3’s value is not critical; 100k
is large enough not to load RESET and small enough to
pull RESET to ground.
A 100k
Ω pullup resistor to VCC is also recommended
for the MAX6833/MAX6836/MAX6839 if RESET is
required to remain valid for VCC < 0.85V.
Interfacing to µPs with Bidirectional
Reset Pins
Since the RESET output on the MAX6834/MAX6837/
MAX6840 is open-drain, these devices interface easily
with µPs that have bidirectional reset pins. Connecting
the µP supervisor’s RESET output directly to the µP’s
RESET pin with a single pullup resistor allows either
device to assert a reset (Figure 4).
Ultra-Low-Voltage SC70 Voltage Detectors
and µP Reset Circuits
_______________________________________________________________________________________
7
0
200
300
400
500
600
700
800
900
1
10
100
MAXIMUM TRANSIENT DURATION
vs. OVERDRIVE
OVERDRIVE VTH - VCC (mV)
100
RESET OCCURS
ABOVE THIS
LINE
Figure 2. Maximum Transient Duration Without Causing a
Reset Pulse vs. Reset Comparator Overdrive
R3
100k
VCC
GND
MAX6832
MAX6835
MAX6838
RESET
Figure 3. RESET Valid to VCC = Ground Circuit
RESET
GND
RESET
INPUT
MAX6834
MAX6837
MAX6840
BIDIRECTIONAL
µP
GND
VCC
VCC
VCC
Figure 4. Interfacing to µPs with Bidirectional Reset I/O


Similar Part No. - MAX6837VXSD0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX683 MAXIM-MAX683 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
MAX6830 MAXIM-MAX6830 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6831_UT-T MAXIM-MAX6831_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6837VXSD0

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com