Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6836FXSD3 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6836FXSD3
Description  Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6836FXSD3 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6836FXSD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6836FXSD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX6832–MAX6840 are microprocessor (µP)
supervisory circuits used to monitor low-voltage power
supplies in µP and digital systems. They provide excel-
lent circuit reliability and low cost by eliminating exter-
nal components and adjustments when used with
+1.2V to +1.8V powered circuits.
These devices assert a reset signal whenever the VCC
supply voltage declines below a preset threshold or
whenever manual reset (MR) is asserted. Reset remains
asserted for a fixed timeout delay after VCC has risen
above the reset threshold or when manual reset is
deasserted. Five different timeout periods are available:
70µs (voltage detector), 1.5ms, 30ms, 210ms, and 1.68s.
Reset thresholds suitable for operation with a variety of
supply voltages are available.
The MAX6832/MAX6835/MAX6838 have a push-pull
active-low reset output (RESET). The MAX6833/
MAX6836/MAX6839 have a push-pull active-high reset
output (RESET) and the MAX6834/MAX6837/MAX6840
have an open-drain active-low reset output (RESET). The
open-drain active-low reset output requires a pullup resis-
tor that can be connected to a voltage higher than VCC.
The MAX6835/MAX6836/MAX6837 feature a debounced
manual reset input (MR), while the MAX6838/MAX6839/
MAX6840 provide a RESET-IN input allowing the user to
externally adjust the reset threshold. The reset compara-
tor is designed to ignore fast transients on VCC.
Low supply current of 7.5µA makes the MAX6832–
MAX6840 ideal for use in portable equipment. These
devices are available in 3- and 4-pin SC70 packages.
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Features
o Factory-Set Reset Threshold Voltages for
Nominal Supplies from 1.2V to 1.8V
o Low Power Consumption: 7.5µA (typ)
o Space-Saving 3- and 4-Pin SC70 Packages
o ±2.5% Reset Threshold Accuracy Over
Temperature
o Five Different Timeout Periods Available: 70µs
(voltage detector), 1.5ms, 30ms, 210ms, and 1.68s
o Three Reset Output Configurations
Push-Pull RESET
Push-Pull RESET
Open-Drain RESET
o Guaranteed Reset Valid to VCC =
0.55V—Active-Low
0.75V—Active-High
o Adjustable Threshold Reset-In Option
o Manual Reset Input Option
o Immune to Short Negative VCC Transients
o Pin Compatible with MAX803/MAX809/MAX810,
MAX6711/MAX6712/MAX6713, and
MAX6381–MAX6390 Series
Ultra-Low-Voltage SC70 Voltage Detectors
and µP Reset Circuits
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2242; Rev 1; 1/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
Typical Operating Circuit apears at end of data sheet.
Selector Guide appears at end of data sheet.
PART
TEMP. RANGE
PIN-PACKAGE
MAX6832_XRD_-T
-40
°C to +85°C
3 SC70-3
MAX6833_XRD_-T
-40
°C to +85°C
3 SC70-3
MAX6834_XRD_-T
-40
°C to +85°C
3 SC70-3
MAX6835_XSD_-T
-40
°C to +85°C
4 SC70-4
MAX6836_XSD_-T
-40
°C to +85°C
4 SC70-4
MAX6837_XSD_-T
-40
°C to +85°C
4 SC70-4
MAX6838XSD_-T
-40
°C to +85°C
4 SC70-4
MAX6839XSD_-T
-40
°C to +85°C
4 SC70-4
MAX6840XSD_-T
-40
°C to +85°C
4 SC70-4
Insert the desired suffix letter from the Threshold Suffix Guide
(MAX6832–MAX6837) and the Active Timeout Period Guide
tables into the blanks to complete the part number. Sample
stock is generally available on standard versions only (see
Standard Versions table). Standard versions require a minimum
order increment of 2.5k units. Nonstandard versions must be
ordered in 10k unit increments. Contact factory for availability.
All parts are offered in tape-and-reel only.


Similar Part No. - MAX6836FXSD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX683 MAXIM-MAX683 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
MAX6830 MAXIM-MAX6830 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6831_UT-T MAXIM-MAX6831_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6836FXSD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com