Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6807 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6807
Description  Voltage Detectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6807 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6807 Datasheet HTML 1Page - Maxim Integrated Products MAX6807 Datasheet HTML 2Page - Maxim Integrated Products MAX6807 Datasheet HTML 3Page - Maxim Integrated Products MAX6807 Datasheet HTML 4Page - Maxim Integrated Products MAX6807 Datasheet HTML 5Page - Maxim Integrated Products MAX6807 Datasheet HTML 6Page - Maxim Integrated Products MAX6807 Datasheet HTML 7Page - Maxim Integrated Products MAX6807 Datasheet HTML 8Page - Maxim Integrated Products MAX6807 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
SOT23/SC70 SOT143 µMAX/SO
1
1
1
RESET
Active-Low Reset Output (MAX6806/MAX6808). RESET remains low
while VCC is below the reset-threshold voltage or while MR is held high.
RESET
Active-High Reset Output (MAX6807). RESET remains high while VCC
is below the reset-threshold voltage or while MR is held high.
2
4
4
GND
Ground
3
3
2
VCC
Supply Voltage Input
2
MR
Active-High Manual Reset Input. Internal 80kW resistor to GND.
3,5–8
N.C.
Not Internally Connected
0.9900
0.9940
0.9920
0.9980
0.9960
1.0020
1.0000
1.0040
1.0080
1.0060
1.0100
-40
-15
0
-30
15 30
60
45
85
75
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
VCC RISING (VTH+)
VCC FALLING (VTH-)
4
6
5
7
9
8
11
10
12
-60
-30
0
30
60
120
90
POWER-UP RESET DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VOD = VCC - VTH+
VOD = 50mV
VOD = 200mV
VOD = 100mV
25
29
27
33
31
35
37
43
41
39
45
-60
-30-15 0
-45
15 30 45
75
60
90 105120135
POWER-DOWN RESET DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
VOD = VTH- - VCC = 100mV
VCC FALLING AT 1mV/µS
0
10
5
20
15
30
25
35
45
40
50
-60
-30
0
30
60
120
90
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.0V
VCC = 3.3V
VCC = 1.8V
VCC = 1.0V
Maxim Integrated │ 3
www.maximintegrated.com
MAX6806/MAX6807/
MAX6808
Voltage Detectors
Pin Description
Typical Operating Characteristics


Similar Part No. - MAX6807

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6807 MAXIM-MAX6807 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
More results

Similar Description - MAX6807

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com