Electronic Components Datasheet Search |
|
MAX6381XS22D1-T Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
MAX6381XS22D1-T Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 11 page SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 8 _______________________________________________________________________________________ Selector Guide PART NUMBER PUSH-PULL ACTIVE-LOW PUSH-PULL ACTIVE-HIGH OPEN-DRAIN ACTIVE-LOW MANUAL RESET INPUT MR RESET IN MAX6381 X MAX6382 X MAX6383 X MAX6384 X X MAX6385 X X MAX6386 X X MAX6390* X X MAX6387 X X MAX6388 X X MAX6389 X X *The MAX6390 offers a VCC reset timeout of 1120ms or 1200ms (min) and a manual reset timeout of 140ms or 150ms (min). MAX6381–MAX6390 VCC µP MR * PUSHBUTTON SWITCH RESET (RESET) RESET INPUT GND GND RESET IN ** VCORE R1 I/O VOLTAGE I/O SUPPLY CORE VOLTAGE R1 Chip Information TRANSISTOR COUNT: 647 PROCESS: BiCMOS * MR is for MAX6384/MAX6385/MAX6386/MAX6390 ** RESET IN is for MAX6387/MAX6388/MAX6389 ( ) are for MAX6382/MAX6385/MAX6388 ( ) IS FOR MAX6388 SC70 TOP VIEW 1 2 4 3 VCC RESET (RESET) GND MAX6387 MAX6388 MAX6389 1 2 4 3 VCC MR RESET (RESET) GND MAX6384 MAX6385 MAX6386 MAX6390 ( ) IS FOR MAX6385 SC70 RESET IN Pin Configurations (continued) Typical Operating Circuit |
Similar Part No. - MAX6381XS22D1-T |
|
Similar Description - MAX6381XS22D1-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |