Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX691A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX691A
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX691A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX691A Datasheet HTML 1Page - Maxim Integrated Products MAX691A Datasheet HTML 2Page - Maxim Integrated Products MAX691A Datasheet HTML 3Page - Maxim Integrated Products MAX691A Datasheet HTML 4Page - Maxim Integrated Products MAX691A Datasheet HTML 5Page - Maxim Integrated Products MAX691A Datasheet HTML 6Page - Maxim Integrated Products MAX691A Datasheet HTML 7Page - Maxim Integrated Products MAX691A Datasheet HTML 8Page - Maxim Integrated Products MAX691A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Microprocessor Supervisory Circuits
_______________________________________________________________________________________
5
36
26
-60
120
150
VCC SUPPLY CURRENT
vs. TEMPERATURE
(NORMAL OPERATING MODE)
34
TEMPERATURE (°C)
30
30
28
-30
0
90
32
60
VCC = 5V
VBATT = 2.8V
PFI, CE IN = 0V
0
-60
120
150
BATTERY SUPPLY CURRENT
vs. TEMPERATURE
(BATTERY-BACKUP MODE)
2
TEMPERATURE (°C)
30
1
0.5
-30
0
90
1.5
60
VCC = 5V
VBATT = 2.8V
NO LOAD
120
-60
120 150 180
CHIP-ENABLE ON-RESISTANCE
vs. TEMPERATURE
100
TEMPERATURE (°C)
30
60
40
-30
0
90
80
60
VCC = 4.75V
VBATT = 2.8V
VCE IN = VCC/2
20
5
-60
120
150
VBATT to VOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
30
10
-30
0
90
15
60
VCC = 0V
VBATT = 2.8V
VBATT = 2.0V
VBATT = 4.5V
4.75
4.30
-60
120
150
RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
30
4.45
-30
0
90
4.65
4.40
4.35
4.50
4.70
4.55
4.60
60
VBATT = 2.8V
MAX691A
MAX800L
MAX693A
MAX800M
1.2
0.6
-60
120
150
VCC to VOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
30
0.8
-30
0
90
1.0
0.7
0.9
1.1
60
VCC = 5V,
VBATT = 0V
1.50
0
-60
120
150
PFI THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
30
0.50
-30
0
90
1.00
0.25
0.75
1.25
60
VCC = +5V,
VBATT = 0V
NO LOAD ON PFO
600
0
-60
120
150
RESET OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
30
200
-30
0
90
100
500
300
400
60
VCC = 5V, VBATT = 2.8V
SOURCING CURRENT
VCC = 0V, VBATT = 2.8V
SINKING CURRENT
-60
120
150
RESET DELAY
vs. TEMPERATURE
230
TEMPERATURE (°C)
30
190
170
-30
0
90
210
220
180
200
60
VCC = 0V TO 5V STEP
VBATT = 2.8V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX691A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX691AC/D MAXIM-MAX691AC/D Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX691AC/D MAXIM-MAX691AC/D Datasheet
2Mb / 17P
   Microprocessor Supervisory Circuits
2018
MAX691ACPE MAXIM-MAX691ACPE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX691ACPE MAXIM-MAX691ACPE Datasheet
2Mb / 17P
   Microprocessor Supervisory Circuits
2018
MAX691ACSE MAXIM-MAX691ACSE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
More results

Similar Description - MAX691A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com