Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1200 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC1200
Description  AMC1200/B Fully-Differential Isolation Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1200_15 Datasheet HTML 5Page - Texas Instruments AMC1200_15 Datasheet HTML 6Page - Texas Instruments AMC1200_15 Datasheet HTML 7Page - Texas Instruments AMC1200_15 Datasheet HTML 8Page - Texas Instruments AMC1200_15 Datasheet HTML 9Page - Texas Instruments AMC1200_15 Datasheet HTML 10Page - Texas Instruments AMC1200_15 Datasheet HTML 11Page - Texas Instruments AMC1200_15 Datasheet HTML 12Page - Texas Instruments AMC1200_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
1
2
3
4
5
6
7
8
9
10
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Time(2 s/div)
m
200mV/div
500mV/div
500mV/div
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
0.1
1
10
100
Frequency (kHz)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
Ripple Frequency (kHz)
VDD1
VDD2
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
−250 −200 −150 −100 −50
0
50
100
150
200
250
Input Voltage (mV)
VDD2 = 3 V
VDD2 = 5 V
−0.1
−0.08
−0.06
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.1
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
Typical Characteristics (continued)
At VDD1 = VDD2 = 5 V, VINP = –250 mV to 250 mV, and VINN = 0 V, unless otherwise noted.
Figure 19. Nonlinearity vs Input Voltage
Figure 20. Nonlinearity vs Temperature
Figure 21. Output Noise Density vs Frequency
Figure 22. Power-Supply Rejection Ratio vs Ripple
Frequency
Figure 23. Output Rise and Fall Time vs Temperature
Figure 24. Full-Scale Step Response
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AMC1200 AMC1200B


Similar Part No. - AMC1200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results

Similar Description - AMC1200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com