Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX687ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX687ESA
Description  High-Accuracy, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX687ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX687ESA Datasheet HTML 3Page - Maxim Integrated Products MAX687ESA Datasheet HTML 4Page - Maxim Integrated Products MAX687ESA Datasheet HTML 5Page - Maxim Integrated Products MAX687ESA Datasheet HTML 6Page - Maxim Integrated Products MAX687ESA Datasheet HTML 7Page - Maxim Integrated Products MAX687ESA Datasheet HTML 8Page - Maxim Integrated Products MAX687ESA Datasheet HTML 9Page - Maxim Integrated Products MAX687ESA Datasheet HTML 10Page - Maxim Integrated Products MAX687ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
shuts down. Once the MAX687 is shut down, it can
only be turned on again when (a) the ON pin is pulsed
high, and (b) the conditions that triggered shutdown
have changed (e.g., the load has been reduced or the
input voltage has increased). In order for the MAX687
to latch into its on state, the ON pulse must remain high
until the output voltage has risen above the shutdown
threshold. The internal shutdown can be used to pre-
vent deep discharge of a battery, for example, to pro-
vide “self backup” of CMOS RAM or to protect the
battery itself.
The RC circuit attached to the ON input in Figure 1
achieves automatic start-up at power-on by delivering a
brief pulse whenever the input voltage is suddenly
applied. This circuit is not suitable for applications
where the input voltage rises slowly. The RC values
should be chosen to keep ON high until the output rises
above about 3.13V. The values shown in Figure 1 for
C4 and R1 (0.1µF and 10k
Ω) are suitable for most
applications. To ensure start-up when the input voltage
is very close to the circuit’s dropout voltage, when the
circuit is used to drive a very large capacitive load, or
for high-power circuits (ILOAD > 3A), increase the value
of R1 to increase the ON pulse width.
The 3.3V MAX688 and the 3.0V MAX689 incorporate
the same PFO warning whenever VOUT droops.
However, the MAX688/MAX689 do not automatically
shut down when the output voltage drops even further.
Instead, the SHDN input controls external shutdown.
As SHDN is pulled low, the chip first enters a low-cur-
rent standby state (<25µA). The threshold at which
standby mode is entered is precisely controlled (±2%)
so the output can be turned off at a well-defined point.
70mV of hysteresis between the standby and on states
prevents chatter between the two modes. The voltage
applied to the SHDN pin can be derived from a resis-
tive divider from VIN. When VSHDN is less than 1.2V,
the output is off. The device is fully shut down (<1µA)
when SHDN is pulled below 200mV. SHDN is not
latched, and as SHDN is raised, the MAX688/MAX689
exit shutdown and enter the standby mode. At the
higher SHDN threshold, the output is turned on.
Figure 1 shows a typical circuit for the MAX687, and
Figure 2 shows the same circuit configured for the
MAX688/MAX689.
The accuracy of the output current limit depends on
accurate knowledge of the PNP pass transistor’s cur-
rent gain (hFE). With RB = 12
Ω, BLIM limits base cur-
rent to 6mA (IBASE = 0.1V / (RB + 5
Ω)). See Base-
Current Limiting section.
The PFO comparators on all three devices, and the internal
shutdown comparator on the MAX687, reject high-speed
spikes (<100µs). This reduces the PFO output’s noise sen-
sitivity, and stops the MAX687 from being shut down inad-
vertently when there is noise on the input supply.
_______________Transistor Selection
Specifications
The PNP pass transistor must meet specifications for
• current gain,
• power dissipation, and
• collector current.
The hFE influences the maximum output current the cir-
cuit can deliver. The largest guaranteed output current
High-Accuracy, Low-Dropout
Linear Regulators
_______________________________________________________________________________________
7
MAX687
OUT
3.3V @ 500mA
POWER FAIL
PFO
CC
C1
2.2
µF
C4
0.1
µF
BLIM
GND
BASE
Q1 FZT749
RB 12Ω
C3
10nF
IN
ON
+5V INPUT
GND
R1
10k
ON CAN BE DRIVEN DIRECTLY FROM LOGIC WHEN R1 AND C4 ARE NOT USED.
C2
68
µF
Figure 1. MAX687 Operating Circuit
MAX688
MAX689
OUT
3.3V/ 3.0V @ 500mA
POWER FAIL
PFO
CC
C1
2.2
µF
BLIM
GND
BASE
Q1 FZT749
RB 12Ω
C3
10nF
IN
SHDN
+5V INPUT
GND
R2
100k
C2
68
µF
ON / OFF
Figure 2. MAX688/MAX689 Operating Circuit


Similar Part No. - MAX687ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6870ETJ MAXIM-MAX6870ETJ Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871 MAXIM-MAX6871 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6871ETJ MAXIM-MAX6871ETJ Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
More results

Similar Description - MAX687ESA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8537 ONSEMI-NCV8537_17 Datasheet
1Mb / 16P
   High Accuracy Low Dropout Linear Regulator
October, 2017 ??Rev. 4
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com