Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6801UR31D3-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6801UR31D3-T
Description  3-Pin, Low-Power 關P Reset Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6801UR31D3-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6801UR31D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6801UR31D3-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX6800/MAX6801/MAX6802 microprocessor (µP)
supervisory circuits monitor the power supplies in 2.85V
to 5.0V µP and digital systems. They increase circuit
reliability and reduce cost by eliminating external com-
ponents and adjustments.
These devices perform a single function—they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for a preset
timeout period after VCC has risen above the reset
threshold. The only difference among the three devices
is their output. The MAX6801 (push/pull) and MAX6802
(open-drain) have an active-low RESET output, while the
MAX6800 (push/pull) has an active-high RESET output.
The MAX6800/MAX6801 are guaranteed to be in the cor-
rect state for VCC down to 0.7V. The MAX6802 is guaran-
teed to be in the correct state for VCC down to 1.0V.
The reset comparator in these ICs is designed to ignore
fast transients on VCC. Reset thresholds are factory-
trimmable between 2.63V and 4.80V, in approximately
100mV increments. These devices are available with a
1ms (min), 20ms (min), or 100ms (min) reset pulse
width. Ideal for space-critical applications, the
MAX6800/MAX6801/MAX6802 come packaged in a 3-
pin SOT23. For a lower threshold voltage version, see
the MAX6332/MAX6333/MAX6334.
Applications
Computers
Controllers
Intelligent Instruments
Critical µP/µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
Features
o Ultra-Low 0.7V Operating Supply Voltage
o Low 4.0µA Supply Current
o Precision Monitoring of 2.85V to 5.0V Power-
Supply Voltages
o Reset Thresholds Available from 2.63V to 4.80V,
in Approximately 100mV Increments
o Fully Specified over Temperature
o Three Power-On Reset Timeout Periods Available
(1ms min, 20ms min, 100ms min)
o Low Cost
o Three Available Output Structures: Push/Pull
RESET, Push/Pull RESET, Open-Drain RESET
o Guaranteed RESET/RESET Valid to VCC = 0.7V
(MAX6800/MAX6801)
o Power-Supply Transient Immunity
o No External Components Required
o 3-Pin SOT23 Package
o Pin Compatible with MAX809/MAX810,
MAX6326/MAX6327/MAX6328, and
MAX6346/MAX6347/MAX6348
3-Pin, Low-Power
µP Reset Circuits
________________________________________________________________ Maxim Integrated Products
1
PART*
MAX6800UR_ _D_-T
MAX6801UR_ _D_-T
MAX6802UR_ _D_-T
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
TEMP. RANGE
PIN-PACKAGE
3 SOT23-3
3 SOT23-3
3 SOT23-3
Ordering Information
*These devices are available in factory-set VCC reset thresh-
olds from 2.63V to 4.80V, in approximately 0.1V increments.
Choose the desired reset threshold suffix from Table 1 and
insert it in the blanks following “UR” in the part number.
Factory-programmed reset timeout periods are also available.
Insert the number corresponding to the desired nominal reset
timeout period (1 = 1ms min, 2 = 20ms min, 3 = 100ms min) in
the blank following “D” in the part number. There are 15 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(see Selector Guide). Contact the factory for availability of non-
standard versions (required order increment is 10,000 pieces).
All devices available in tape-and-reel only.
Typical Operating Circuit and Pin Configuration appear
at end of data sheet.
Selector Guide appears at end of data sheet.
19-1933 Rev 1; 2/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6801UR31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6801UR31D3-T MAXIM-MAX6801UR31D3-T Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
More results

Similar Description - MAX6801UR31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
logo
Vishay Siliconix
GS6332 VISHAY-GS6332 Datasheet
56Kb / 6P
   3 Pin, Low-Power, P Reset Circuits
22-May-02
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6803 MAXIM-MAX6803 Datasheet
155Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 1; 2/01
MAX6803 MAXIM-MAX6803_V01 Datasheet
870Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
2014
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com