Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1100DUBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1100DUBR
Description  AMC1100 Fully-Differential Isolation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1100DUBR Datasheet(HTML) 1 Page - Texas Instruments

  AMC1100DUBR Datasheet HTML 1Page - Texas Instruments AMC1100DUBR Datasheet HTML 2Page - Texas Instruments AMC1100DUBR Datasheet HTML 3Page - Texas Instruments AMC1100DUBR Datasheet HTML 4Page - Texas Instruments AMC1100DUBR Datasheet HTML 5Page - Texas Instruments AMC1100DUBR Datasheet HTML 6Page - Texas Instruments AMC1100DUBR Datasheet HTML 7Page - Texas Instruments AMC1100DUBR Datasheet HTML 8Page - Texas Instruments AMC1100DUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
VOUTP
VOUTN
VDD2
GND2
GND1
VINN
VINP
VDD1
AMC1100
HV+
HV-
To Load
Floating
Power Supply
3.3 V, or 5.0 V
RSHUNT
Gate Driver
Gate Driver
5.0 V
ADS7263
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
AMC1100
SBAS562A – APRIL 2012 – REVISED DECEMBER 2014
AMC1100 Fully-Differential Isolation Amplifier
1 Features
3 Description
The AMC1100 is a precision isolation amplifier with
1
±250-mV Input Voltage Range Optimized for
an output separated from the input circuitry by a
Shunt Resistors
silicon dioxide (SiO2) barrier that is highly resistant to
Very Low Nonlinearity: 0.075% max at 5 V
magnetic interference. This barrier is certified to
Low Offset Error: 1.5 mV max
provide galvanic isolation of up to 4250 VPEAK,
according to UL1577 and IEC60747-5-2. Used in
Low Noise: 3.1 mVRMS typ
conjunction with isolated power supplies, this device
Low High-Side Supply Current:
prevents noise currents on a high common-mode
8 mA max at 5 V
voltage line from entering the local ground and
Input Bandwidth: 60 kHz min
interfering with or damaging sensitive circuitry.
Fixed Gain: 8 (0.5% Accuracy)
The AMC1100 input is optimized for direct connection
High Common-Mode Rejection Ratio: 108 dB
to shunt resistors or other low voltage level signal
sources. The excellent performance of the device
Low-Side Operation: 3.3 V
enables accurate current and voltage measurement
Certified Galvanic Isolation:
in energy-metering applications. The output signal
UL1577 and IEC60747-5-2 Approved
common-mode voltage is automatically adjusted to
either the 3-V or 5-V low-side supply.
Isolation Voltage: 4250 VPEAK
Working Voltage: 1200 VPEAK
The AMC1100 is fully specified over the extended
industrial temperature range of –40°C to +105°C and
Transient Immunity: 2.5 kV/µs min
is available in the SMD-type, wide-body SOIC-8
Typical 10-Year Life Span at Rated Working
(DWV) and gullwing-8 (DUB) packages.
Voltage (see Application Report SLLA197)
Fully Specified Over the Extended Industrial
Device Information(1)
Temperature Range
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOP (8)
9.50 mm × 6.57 mm
AMC1100
2 Applications
SOIC (8)
5.85 mm × 7.50 mm
Shunt Resistor Based Current Sensing in:
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Energy Meters
Green Energy
Power Measurement Applications
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC1100DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
More results

Similar Description - AMC1100DUBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier for Energy Metering
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com