Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7Y08-40B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7Y08-40B
Description  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y08-40B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7Y08-40B_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 9Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 10Page - NXP Semiconductors BUK7Y08-40B_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BUK7Y08-40B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
7 of 14
NXP Semiconductors
BUK7Y08-40B
N-channel TrenchMOS standard level FET
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 9.
Forward transconductance as a function of
drain current; typical values.
003aad499
0
20
40
60
80
01
23
45
VDS (V)
ID
(A)
5.8
5.6
5.2
4.8
4.5
20
10
6.1
VGS (V) =
003aad500
0
6
12
18
24
30
0
2040
6080
ID (A)
RDSon
(m
Ω)
6.1
5.6
5.8
10
20
5.2
VGS (V) =
003aad551
0
20
40
60
80
02
46
8
VGS (V)
ID
(A)
T j = 175
°C
25
°C
003aad501
20
32
44
56
0
2040
6080
ID (A)
gfs
(S )


Similar Part No. - BUK7Y08-40B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y08-40B NXP-BUK7Y08-40B Datasheet
210Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03-7 April 2010
logo
Nexperia B.V. All right...
BUK7Y08-40B NEXPERIA-BUK7Y08-40B Datasheet
811Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03 - 7 April 2010
More results

Similar Description - BUK7Y08-40B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com