Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6836VXSD3 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6836VXSD3
Description  Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6836VXSD3 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6836VXSD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6836VXSD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ultra-Low-Voltage SC70 Voltage Detectors
and µP Reset Circuits
_______________________________________________________________________________________
5
Pin Description—MAX6832–MAX6837
PIN
MAX6833
SC70-3
MAX6832/
MAX6834
SC70-3
MAX6836
SC70-4
MAX6835/
MAX6837
SC70-4
NAME
FUNCTION
1
1
1
1
GND
Ground
2
2
RESET
Reset Output, Open-Drain or Push-Pull, Active-Low. RESET
changes from HIGH to LOW when VCC drops below the
selected reset threshold or MR is pulled low. RESET remains
LOW for the reset timeout period after VCC exceeds the device
reset threshold and MR is released high.
2
2
RESET
Reset Output, Push-Pull, Active-High. RESET changes from
LOW to HIGH when the VCC input drops below the selected
reset threshold or MR is pulled low. RESET remains HIGH for
the reset timeout period after VCC exceeds the device reset
threshold and MR is released high.
——
33
MR
Active-Low Manual Reset Input. Internal 20k
Ω pullup to VCC.
Pull LOW to force a reset. Reset remains active as long as MR is
LOW and for the reset timeout period after MR goes HIGH.
Leave unconnected or connect to VCC if unused.
33
4
4
VCC
Supply Voltage and Monitored Supply
Pin Description—MAX6838/MAX6839/MAX6840
PIN
MAX6839
SC70-4
MAX6838/
MAX6840
SC70-4
NAME
FUNCTION
1
1
RESET-IN
Adjustable Reset Threshold Input. High-impedance input for reset comparator. Connect
this pin to an external resistive-divider network to set the reset threshold voltage; the
typical threshold is 444mV. Reset is asserted when RESET-IN is below the threshold (VCC
is not monitored).
22
VCC
Supply Voltage (1.1V to 3.3V)
3
3
GND
Ground
4
RESET
Reset Output, Push-Pull, Active-High. RESET changes from LOW to HIGH when the
RESET-IN input drops below the typical reset threshold (444mV). RESET remains HIGH for
the reset timeout period after RESET-IN exceeds the reset threshold.
4
RESET
Reset Output, Open-Drain or Push-Pull, Active-Low. RESET changes from HIGH to LOW
when RESET-IN drops below the typical reset threshold (444mV). RESET remains LOW for
the reset timeout period after RESET-IN exceeds the reset threshold.


Similar Part No. - MAX6836VXSD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX683 MAXIM-MAX683 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
MAX6830 MAXIM-MAX6830 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6831_UT-T MAXIM-MAX6831_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6836VXSD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com