Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM808-105MH Datasheet(PDF) 7 Page - International Rectifier

Part # IRSM808-105MH
Description  Integrated gate drivers and bootstrap functionality
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM808-105MH Datasheet(HTML) 7 Page - International Rectifier

Back Button IRSM808-105MH_15 Datasheet HTML 3Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 4Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 5Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 6Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 7Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 8Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 9Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 10Page - International Rectifier IRSM808-105MH_15 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRSM808-105MH
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 18, 2014
Figure 5 – Typical switching losses at 390V
Figure 6 – typical delta temperature between case (no heat-sink) and ambient with 1oz FR4 vs. power dissipation in the
module


Similar Part No. - IRSM808-105MH_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM808-105MHTR IRF-IRSM808-105MHTR Datasheet
434Kb / 12P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM808-105MHTR INFINEON-IRSM808-105MHTR Datasheet
970Kb / 17P
   Half-Bridge IPM for Small Appliance Motor Drive Applications
May 18, 2014
More results

Similar Description - IRSM808-105MH_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM807-045MH IRF-IRSM807-045MH_15 Datasheet
358Kb / 11P
   Integrated gate drivers and bootstrap functionality
IRSM807-105MH IRF-IRSM807-105MH_15 Datasheet
947Kb / 17P
   Integrated gate drivers and bootstrap functionality
IRSM836-015MA IRF-IRSM836-015MA_15 Datasheet
484Kb / 20P
   Integrated gate drivers and bootstrap functionality
IRSM836-044MA IRF-IRSM836-044MA_15 Datasheet
738Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X6Q1B INFINEON-IM111-X6Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM836-025MA IRF-IRSM836-025MA_15 Datasheet
501Kb / 19P
   Integrated gate drivers and bootstrap functionality
IRSM836-024MA IRF-IRSM836-024MA_15 Datasheet
508Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IM111-X3Q1B INFINEON-IM111-X3Q1B Datasheet
1Mb / 19P
   Integrated gate drivers and bootstrap functionality
Revision 1.0 2019-12-12
logo
International Rectifier
IRSM808-204MH IRF-IRSM808-204MH_15 Datasheet
513Kb / 10P
   Integrated gate drivers and bootstrap functionality
IRSM836-035MA IRF-IRSM836-035MA_15 Datasheet
517Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com