Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6832 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6832
Description  Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6832 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6832 Datasheet HTML 2Page - Maxim Integrated Products MAX6832 Datasheet HTML 3Page - Maxim Integrated Products MAX6832 Datasheet HTML 4Page - Maxim Integrated Products MAX6832 Datasheet HTML 5Page - Maxim Integrated Products MAX6832 Datasheet HTML 6Page - Maxim Integrated Products MAX6832 Datasheet HTML 7Page - Maxim Integrated Products MAX6832 Datasheet HTML 8Page - Maxim Integrated Products MAX6832 Datasheet HTML 9Page - Maxim Integrated Products MAX6832 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The MAX6832–MAX6840 assert a reset to
prevent code-execution errors during power-up, power-
down, or brownout conditions. They also assert a reset
signal whenever the VCC supply voltage falls below a
preset threshold (MAX6832–MAX6837) or RESET-IN
falls below the adjustable threshold (MAX6838/
MAX6839/MAX6840), keeping reset asserted for a fixed
timeout delay (Table 2) after VCC or RESET-IN has risen
above the reset threshold. The MAX6832/MAX6835/
MAX6838 use a push-pull active-low output, the
MAX6833/MAX6836/MAX6839 have a push-pull active-
high output, and the MAX6834/MAX6837/MAX6840
have an open-drain active-low output stage. Connect a
pullup resistor on the MAX6834/MAX6837/MAX6840’s
RESET output to any supply between 0 and 6V.
Manual Reset Input
Many µP-based systems require manual reset capabili-
ty, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. Reset remains asserted
while MR is low, and for a fixed timeout delay after MR
returns high. This input has an internal 20k
Ω pullup
resistor, so it can be left open if it is not used. MR can
be driven with CMOS logic level, or with open-drain/col-
lector outputs. To create a manual reset function, con-
nect a normally open momentary switch from MR to
ground; external debounce circuitry is not required. If
MR is driven from long cables or if the device is used in
a noisy environment, connecting a 0.1µF capacitor from
MR to ground provides additional noise immunity.
RESET-IN Information
The MAX6838/MAX6839/MAX6840 feature a RESET-IN
input for monitoring supply voltages down to 0.44V. An
external resistive-divider network can be used to set
voltage monitoring thresholds as shown in Figure 1. As
the monitored voltage falls, the voltage at RESET-IN
decreases and asserts a reset when it falls below the
RESET-IN threshold (VRSTIN). The low-leakage current
Ultra-Low-Voltage SC70 Voltage Detectors
and µP Reset Circuits
6
_______________________________________________________________________________________
MAX6838/
MAX6839/
MAX6840
RESET
TIMEOUT
PERIOD
RESET
OUTPUT
VREF = 444mV
RESET-IN
RESET/
RESET
GND
VCC
VCC
MAX6832–
MAX6837
RESET
TIMEOUT
PERIOD
MANUAL
RESET
DETECT
RESET
OUTPUT
VREF = 444mV
RESET/
RESET
GND
MR (MAX6835/MAX6836/MAX6837 ONLY)
MR
PULLUP
Functional Diagrams
VMONITORED
R1
R2
RESET-IN
GND
RESET
(RESET)
VCC
( ) ARE FOR MAX6839
MAX6838/
MAX6839/
MAX6840
R1 = R2 [(VMONITORED/VREF) -1]
WHERE VMONITORED IS THE DESIRED TRIP LEVEL,
VREF = 444mV
Figure 1. Setting the Adjustable Threshold Externally


Similar Part No. - MAX6832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX683 MAXIM-MAX683 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
MAX6830 MAXIM-MAX6830 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6830_UT-T MAXIM-MAX6830_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6831 MAXIM-MAX6831 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6831_UT-T MAXIM-MAX6831_UT-T Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
More results

Similar Description - MAX6832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6375 MAXIM-MAX6375_05 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com