Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7K52-60E Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK7K52-60E
Description  Dual N-channel 60 V, 45 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7K52-60E Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK7K52-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7K52-60E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
BUK7K52-60E
Dual N-channel 60 V, 45 mΩ standard level MOSFET
BUK7K52-60E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
5 / 13
003aaj557
single shot
0.2
0.1
0.05
10-2
10-1
1
10
10-6
10-5
10-4
10-3
10-2
10-1
1
tp (s)
Zth(j-mb)
(K/W)
δ = 0.5
0.02
tp
T
P
t
tp
T
δ =
Fig. 5. Transient thermal impedance from junction to mounting base as a function of pulse duration
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics FET1 and FET2
ID = 250 µA; VGS = 0 V; Tj = -55 °C
54
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
60
-
-
V
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 9; Fig. 10
2.4
3
4
V
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 9; Fig. 10
1
-
-
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 9; Fig. 10
-
-
4.5
V
VDS = 60 V; VGS = 0 V; Tj = 25 °C
-
0.02
1
µA
IDSS
drain leakage current
VDS = 60 V; VGS = 0 V; Tj = 175 °C
-
-
500
µA
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
IGSS
gate leakage current
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
VGS = 10 V; ID = 5 A; Tj = 25 °C; Fig. 11
-
35
45
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 5 A; Tj = 175 °C;
Fig. 12; Fig. 11
-
78
101
Dynamic characteristics FET1 and FET2
QG(tot)
total gate charge
-
9.2
-
nC
QGS
gate-source charge
-
2
-
nC
QGD
gate-drain charge
ID = 5 A; VDS = 48 V; VGS = 10 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
3.5
-
nC


Similar Part No. - BUK7K52-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K52-60E NEXPERIA-BUK7K52-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 45 m廓 standard level MOSFET
More results

Similar Description - BUK7K52-60E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K52-60E NEXPERIA-BUK7K52-60E Datasheet
738Kb / 13P
   Dual N-channel 60 V, 45 m廓 standard level MOSFET
BUK7K35-60E NEXPERIA-BUK7K35-60E Datasheet
747Kb / 13P
   Dual N-channel 60 V, 30 m廓 standard level MOSFET
BUK7K17-60E NEXPERIA-BUK7K17-60E Datasheet
763Kb / 13P
   Dual N-channel 60 V, 14 m廓 standard level MOSFET
logo
NXP Semiconductors
BUK7K12-60E NXP-BUK7K12-60E Datasheet
333Kb / 13P
   Dual N-channel 60 V, 9.3 m廓 standard level MOSFET
11 December 2013
logo
Nexperia B.V. All right...
BUK7K13-60E NEXPERIA-BUK7K13-60E Datasheet
722Kb / 13P
   Dual N-channel 60 V, 10 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN015-60PS PHILIPS-PSMN015-60PS_11 Datasheet
197Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 3-23 June 2011
PSMN015-60PS NXP-PSMN015-60PS Datasheet
242Kb / 14P
   N-channel 60 V 14.8 m廓 standard level MOSFET
Rev. 02-22 February 2010
PSMN3R0-60PS NXP-PSMN3R0-60PS Datasheet
220Kb / 13P
   N-channel 60 V 3.0 m廓 standard level MOSFET
Rev. 01-23 November 2009
PSMN7R6-60PS NXP-PSMN7R6-60PS Datasheet
177Kb / 14P
   N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010
PSMN045-80YS NXP-PSMN045-80YS Datasheet
265Kb / 14P
   N-channel LFPAK 80 V 45 m廓 standard level MOSFET
Rev. 01-19 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com