Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6821 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6821
Description  Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6821 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6821 Datasheet HTML 1Page - Maxim Integrated Products MAX6821 Datasheet HTML 2Page - Maxim Integrated Products MAX6821 Datasheet HTML 3Page - Maxim Integrated Products MAX6821 Datasheet HTML 4Page - Maxim Integrated Products MAX6821 Datasheet HTML 5Page - Maxim Integrated Products MAX6821 Datasheet HTML 6Page - Maxim Integrated Products MAX6821 Datasheet HTML 7Page - Maxim Integrated Products MAX6821 Datasheet HTML 8Page - Maxim Integrated Products MAX6821 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Voltage SOT23 µP Supervisors with
Manual Reset and Watchdog Timer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V for MAX682_L/M, VCC = +2.7V to +3.6V for MAX682_T/S/R, VCC = +2.1V to +2.75V for MAX682_Z/Y, VCC =
+1.53V to +2.0V for MAX682_W/V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
Open-Drain RESET................................................-0.3V to +6.0V
Push-Pull RESET, RESET, MR, WDI ...........-0.3V to (VCC + 0.3V)
Input Current (VCC) .............................................................20mA
Output Current (RESET, RESET).........................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0
°C to +85°C
1.0
5.5
Operating Voltage Range
VCC
TA = -40
°C to +125°C
1.2
5.5
V
TA = -40
°C to +85°C10
20
VCC = +5.5V, no load
TA = -40
°C to +125°C30
TA = -40
°C to +85°C7
16
VCC = +3.6V, no load
TA = -40
°C to +125°C25
TA = -40
°C to +85°C5
12
VCC Supply Current
(MR and WDI Unconnected)
ICC
VCC = +3.6V, no load
(MAX6825 only)
TA = -40
°C to +125°C20
µA
TA = -40
°C to +85°C
4.50
4.63
4.75
MAX682_L
TA = -40
°C to +125°C
4.47
4.63
4.78
TA = -40
°C to +85°C
4.25
4.38
4.50
MAX682_M
TA = -40
°C to +125°C
4.22
4.38
4.53
TA = -40
°C to +85°C
3.00
3.08
3.15
MAX682_T
TA = -40
°C to +125°C
2.97
3.08
3.17
TA = -40
°C to +85°C
2.85
2.93
3.00
MAX682_S
TA = -40
°C to +125°C
2.83
2.93
3.02
TA = -40
°C to +85°C
2.55
2.63
2.70
MAX682_R
TA = -40
°C to +125°C
2.53
2.63
2.72
TA = -40
°C to +85°C
2.25
2.32
2.38
MAX682_Z
TA = -40
°C to +125°C
2.24
2.32
2.40
TA = -40
°C to +85°C
2.12
2.19
2.25
MAX682_Y
TA = -40
°C to +125°C
2.11
2.19
2.27
TA = -40
°C to +85°C
1.62
1.67
1.71
MAX682_W
TA = -40
°C to +125°C
1.61
1.67
1.72
VCC Reset Threshold
(VCC Falling)
VTH
MAX682_V
TA = -40
°C to +85°C
1.52
1.58
1.62
V
Reset Threshold Temperature
Coefficient
60
ppm/°C
Reset Threshold Hysteresis
2 VTH
mV
VCC to Reset Output Delay
tRD
VCC = VTH to (VTH - 100mV)
20
µs


Similar Part No. - MAX6821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821UK-T MAXIM-MAX6821UK-T Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6821_UK-T MAXIM-MAX6821_UK-T Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
More results

Similar Description - MAX6821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6704SKA MAXIM-MAX6704SKA Datasheet
200Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com