Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6366HKA23-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6366HKA23-T
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6366HKA23-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6366HKA23-T Datasheet HTML 4Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 5Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 6Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 7Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 8Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 9Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 10Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 11Page - Maxim Integrated Products MAX6366HKA23-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup and Chip-Enable Gating
8
_______________________________________________________________________________________
MAX6365
MAX6366
MAX6367
MAX6368
CHIP-ENABLE
OUTPUT
CONTROL
VCC
BATT
CE IN
20k
MR
(MAX6365 ONLY)
WDI
(MAX6366 ONLY)
RESET IN
(MAX6368 ONLY)
RESET
GENERATOR
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
TIMER
1.235V
GND
1.235V
RESET
(RESET)
CE OUT
OUT
BATT ON (MAX6367 ONLY)
Detailed Description
The Typical Operating Circuit shows a typical connec-
tion for the MAX6365–MAX6368. OUT powers the static
random-access memory (SRAM). If VCC is greater than
the reset threshold (VTH), or if VCC is lower than VTH
but higher than VBATT, VCC is connected to OUT. If
VCC is lower than VTH and VCC is less than VBATT,
BATT is connected to OUT. OUT supplies up to 150mA
from VCC. In battery-backup mode, an internal MOSFET
connects the backup battery to OUT. The on-resistance
of the MOSFET is a function of backup-battery voltage
and is shown in the BATT-to-OUT On-Resistance vs.
Temperature graph in the Typical Operating Char-
acteristics.
Chip-Enable Signal Gating
The MAX6365–MAX6368 provide internal gating of CE
signals to prevent erroneous data from being written to
CMOS RAM in the event of a power failure. During nor-
mal operation, the CE gate is enabled and passes all
CE transitions. When reset asserts, this path becomes
disabled, preventing erroneous data from corrupting
the CMOS RAM. All of these devices use a series trans-
mission gate from CE IN to CE OUT. The 2ns propaga-
tion delay from CE IN to CE OUT allows the devices to
be used with most µPs and high-speed DSPs.
During normal operation, CE IN is connected to CE
OUT through a low on-resistance transmission gate.
This is valid when reset is not asserted. If CE IN is high
when reset is asserted, CE OUT remains high regard-
less of any subsequent transitions on CE IN during the
reset event.
If CE IN is low when reset is asserted, CE OUT is held
low for 12µs to allow completion of the read/write oper-
ation (Figure 1). After the 12µs delay expires, the CE
Functional Diagram


Similar Part No. - MAX6366HKA23-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6366HKA__-T MAXIM-MAX6366HKA__-T Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
More results

Similar Description - MAX6366HKA23-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
   Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com