Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6820 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6820
Description  SOT23 Power-Supply Sequencers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6820 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6820 Datasheet HTML 1Page - Maxim Integrated Products MAX6820 Datasheet HTML 2Page - Maxim Integrated Products MAX6820 Datasheet HTML 3Page - Maxim Integrated Products MAX6820 Datasheet HTML 4Page - Maxim Integrated Products MAX6820 Datasheet HTML 5Page - Maxim Integrated Products MAX6820 Datasheet HTML 6Page - Maxim Integrated Products MAX6820 Datasheet HTML 7Page - Maxim Integrated Products MAX6820 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detailed Description
Many dual-supply processors or multivoltage boards
require one power supply to rise to the proper operat-
ing voltage before another supply is applied. Improper
sequencing can lead to chip latchup, incorrect device
initiation, or long-term reliability degradation. If the vari-
ous supply voltages are not locally generated (coming
from a main system bus, an externally purchased silver
box, or a nonsequenced power management chip),
power-on and power-off sequencing can be difficult to
control or predict. Supply loading can affect turn-
on/turn-off times from board to board.
The MAX6819/MAX6820 provide proper local voltage
sequencing in multisupply systems. The sequencers
use an external N-channel MOSFET to switch the sec-
ondary supply to the load only when the primary supply
is above a desired operating voltage threshold. The N-
channel MOSFET operates in a default off mode when
the primary supply is below the desired threshold or if
neither supply exceeds the sequencer’s UVLO level.
When the primary supply voltage is above the set
threshold, the external MOSFET is driven on. An inter-
nal charge pump fully enhances the external MOSFET
by providing a gate-to-source voltage (VGS) of +5.5V
(typ). The charge pump fully enhances the MOSFET to
yield a low drain-to-source impedance (RDS(ON)) for
reduced switch voltage drop. The MOSFET is never dri-
ven on unless the sequencer can provide a minimum
VGS enhancement, ensuring that the switch MOSFET
never operates in its higher impedance linear range.
Either supply may act as the primary source, regard-
less of the voltage level, provided that VCC1 or VCC2 is
greater than 2.125V (Figure 1 and Figure 2).
SOT23 Power-Supply Sequencers
_______________________________________________________________________________________
5
PIN
MAX6819
MAX6820
NAME
FUNCTION
11
VCC1
Supply Voltage 1. Either VCC1 or VCC2 must be greater than the UVLO to enable
external MOSFET drive.
2
2
GND
Ground
3
3
SETV
Sequence Threshold Set. Connect to an external resistor-divider network to set the
VCC1 threshold that enables GATE turn-on. The internal reference is 0.618V.
4
EN
Active-High Enable. GATE drive is enabled tDELAY after EN is driven high. GATE
drive is immediately disabled when EN is driven low. Connect to the higher of VCC1
and VCC2 if not used.
4
SETD
GATE Delay Set Input. Connect an external capacitor from SETD to GND to adjust
the delay from SETV > VTH to GATE turn-on. tDELAY (s) = 2.484 x 106 x CSET (F).
5
5
GATE
GATE Drive Output. GATE drives an external N-channel MOSFET to connect VCC2 to
the load. GATE drive enables tDELAY after SETV exceeds VTH and ENABLE is driven
high. GATE drive is immediately disabled when SETV drops below VTH or ENABLE is
driven low. When enabled, an internal charge pump drives GATE to VCC2 + 5.5V to
fully enhance the external N-channel MOSFET.
66
VCC2
Supply Voltage 2. Either VCC1 or VCC2 must be greater than the UVLO to enable
external MOSFET drive.
Pin Description
SETV
( ) FOR MAX6820 ONLY
VCC2
VCC2 OUT
0.62V
VCC1
GND
SEQUENCE
DELAY/
LOGIC
GATE
EN (SETD)
GATE DRIVE
CHARGE PUMP
UVLO
Figure 1. Functional Diagram


Similar Part No. - MAX6820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6820UT-T MAXIM-MAX6820UT-T Datasheet
527Kb / 8P
   SOT23 Power-Supply Sequencers
Rev 3; 12/05
More results

Similar Description - MAX6820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6819 MAXIM-MAX6819_05 Datasheet
527Kb / 8P
   SOT23 Power-Supply Sequencers
Rev 3; 12/05
logo
Renesas Technology Corp
ISL70321SEH RENESAS-ISL70321SEH Datasheet
1Mb / 26P
   Radiation Hardened Quad Power Supply Sequencers
Jul 30, 2021
logo
Maxim Integrated Produc...
MAX6880 MAXIM-MAX6880 Datasheet
422Kb / 19P
   Dual-/Triple-Voltage, Power-Supply Sequencers/Supervisors
Rev 1; 10/05
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6870 MAXIM-MAX6870 Datasheet
612Kb / 51P
   EEPROM-Programmable Hex/Quad Power-Supply Sequencers/Supervisors with ADC
Rev 1; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com