Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US12231 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US12231
Description  POWER INTERFACE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US12231 Datasheet(HTML) 1 Page - Unisonic Technologies

  US12231 Datasheet HTML 1Page - Unisonic Technologies US12231 Datasheet HTML 2Page - Unisonic Technologies US12231 Datasheet HTML 3Page - Unisonic Technologies US12231 Datasheet HTML 4Page - Unisonic Technologies US12231 Datasheet HTML 5Page - Unisonic Technologies US12231 Datasheet HTML 6Page - Unisonic Technologies US12231 Datasheet HTML 7Page - Unisonic Technologies US12231 Datasheet HTML 8Page - Unisonic Technologies US12231 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US12231
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 15
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A82.a
EXPRESSCARDTM POWER
INTERFACE SWITCH
DESCRIPTION
The UTC US12231 ExpressCard
TM power interface switches
are designed to meet the ExpressCard
TM specification. The UTC
US12231
distribute 3.3V, AUX, and 1.5V to the single-slot
ExpressCard|34 or ExpressCard|54 sockets. Each voltage rail is
protected with integrated current-limiting circuitry, other functions
include thermal protection circuit turns off switches to prevent
device from damage when heavy overloads or short circuits,
The UTC US12231 can use in notebook computers, desktop
computers, PDAs, and digital cameras.
FEATURES
*
Meets the ExpressCard
TM standard (ExpressCard|34 or
ExpressCard|54)
* Compliant with the ExpressCard
TM compliance checklists
* Fully satisfies the ExpressCard
TM implementation guidelines
* Supports systems with WAKE function
* TTL-Logic compatible inputs
* Short circuit and thermal protection
* -40°C ~ 85°C ambient operating temperature range
TSSOP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US12231L-P20-T
US12231G-P20-T
TSSOP-20
Tube
US12231L-P20-R
US12231G-P20-R
TSSOP-20
Tape Reel
ExpressCard is a trademark of Personal Computer Memory Card International Association.


Similar Part No. - US12231

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
logo
Apacer Technology Inc.
US120-UFD5 APACER-US120-UFD5 Datasheet
924Kb / 4P
   USB flash drive
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-25CL UNISEM-US1205-25CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-30CL UNISEM-US1205-30CL Datasheet
26Kb / 3P
   300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - US12231

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
STMicroelectronics
STMEC001 STMICROELECTRONICS-STMEC001 Datasheet
245Kb / 19P
   Power interface switch for ExpressCardTM
logo
Richtek Technology Corp...
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
   Express Card Power Interface Switch
RT9716A RICHTEK-RT9716A Datasheet
279Kb / 17P
   Express Card Power Interface Switch
logo
Texas Instruments
TPS2212IDBR TI-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com