Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58J63 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58J63
Description  ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58J63 Datasheet(HTML) 1 Page - Texas Instruments

  ADS58J63 Datasheet HTML 1Page - Texas Instruments ADS58J63 Datasheet HTML 2Page - Texas Instruments ADS58J63 Datasheet HTML 3Page - Texas Instruments ADS58J63 Datasheet HTML 4Page - Texas Instruments ADS58J63 Datasheet HTML 5Page - Texas Instruments ADS58J63 Datasheet HTML 6Page - Texas Instruments ADS58J63 Datasheet HTML 7Page - Texas Instruments ADS58J63 Datasheet HTML 8Page - Texas Instruments ADS58J63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
CLKINP/M
DAP/M
INAP/M
PLL
x10/x20
DCP/M
DDP/M
14bit
ADC
INBP/M
INCP/M
14bit
ADC
INDP/M
DBP/M
JESD204B
SYNCbCD
SYSREFP/M
Configuration
Registers
Digital Block
Interleaving
Correction
14bit
ADC
14bit
ADC
Digital Block
Interleaving
Correction
Digital Block
Interleaving
Correction
Digital Block
Interleaving
Correction
SYNCbAB
TRIGAB
TRIGCD
TRDYCD
JESD204B
TRDYAB
Burst Mode
Burst Mode
4x
K*FS/16
FS/8
2x
FS/4
2x
4x
K*FS/16
FS/8
2x
FS/4
2x
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS58J63
SBAS717A – JUNE 2015 – REVISED JUNE 2015
ADS58J63 Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
1 Features
3 Description
The ADS58J63 is a low-power, wide-bandwidth, 14-
1
Quad Channel
bit,
500-MSPS,
quad-channel,
telecom
receiver
14-Bit Resolution
device. The ADS58J63 supports a JESD204B serial
Maximum Clock Rate: 500 MSPS
interface with data rates up to 10 Gbps with one lane
per channel. The buffered analog input provides
Input Bandwidth (3 dB): 900 MHz
uniform input impedance across a wide frequency
On-Chip Dither
range and minimizes sample-and-hold glitch energy.
Analog Input Buffer with High-Impedance Input
The
ADS58J63
provides
excellent
spurious-free
dynamic range (SFDR) over a large input frequency
Output Options:
range with very low power consumption. The digital
Rx: Decimate-by-2 and -4 Options with Low-
signal processing block includes complex mixers
Pass Filter
followed by low-pass filters with decimate-by-2 and -4
200-MHz Complex Bandwidth or 100-MHz
options supporting up to 200-MHz receive bandwidth.
Real Bandwidth Support
The ADS58J63 also supports a 14-bit, 500-MSPS
output in burst-mode making the device suitable for a
DPD FB: Burst Mode with 14-Bit Output
DPD observation receiver.
1.9-VPP Differential Full-Scale Input
The JESD204B interface reduces the number of
JESD204B Interface:
interface lines, thus allowing high system integration
Subclass 1 Support
density.
An
internal
phase
locked
loop
(PLL)
1 Lane per ADC Up to 10 Gbps
multiplies the incoming analog-to-digital converter
(ADC) sampling clock to derive the bit clock, which is
Dedicated SYNC pin for pair of channels
used to serialize the 14-bit data from each channel.
Support for Multi-Chip Synchronization
72-Pin VQFN Package (10 mm × 10 mm)
Device Information(1)
Key Specifications:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Power Dissipation: 675 mW/ch
ADS58J63
VQFN (72)
10.00 mm x 10.00 mm
Spectral Performance (Un-decimated)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
fIN = 190 MHz IF at –1 dBFS:
SNR: 70.4 dBFS
Simplified Block Diagram
NSD: –154.4 dBFS/Hz
SFDR: 86 dBc (HD2, HD3),
95 dBFS (non HD2, HD3)
fIN = 370 MHz IF at –3 dBFS:
SNR: 68.5 dBFS
NSD: –152.5 dBFS/Hz
SFDR: 81 dBc (HD2, HD3),
86 dBFS (non HD2, HD3)
2 Applications
Multi-Carrier GSM Cellular Infrastructure Base
Stations
Multi-Carrier Multi-Mode Cellular Infrastructure
Base Stations
Telecommunications Receiver
Telecom DPD Observation Receiver
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS58J63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPR TI1-ADS58J63IRMPR Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J63IRMPT TI1-ADS58J63IRMPT Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
More results

Similar Description - ADS58J63

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58J63 TI1-ADS58J63 Datasheet
5Mb / 84P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Analog Devices
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com