Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2076A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2076A
Description  DUAL USB HIGH-SIDE POWER SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2076A Datasheet(HTML) 1 Page - Unisonic Technologies

  US2076A_15 Datasheet HTML 1Page - Unisonic Technologies US2076A_15 Datasheet HTML 2Page - Unisonic Technologies US2076A_15 Datasheet HTML 3Page - Unisonic Technologies US2076A_15 Datasheet HTML 4Page - Unisonic Technologies US2076A_15 Datasheet HTML 5Page - Unisonic Technologies US2076A_15 Datasheet HTML 6Page - Unisonic Technologies US2076A_15 Datasheet HTML 7Page - Unisonic Technologies US2076A_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2076A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-446.a
DUAL USB HIGH-SIDE POWER
SWITCH
DESCRIPTION
The UTC U2076A is a dual integrated high-side power switch
particularly designed for self-powered and bus-powered Universal
Serial Bus (USB) applications.
The UTC U2076A meets the requirements of the USB. The low
on-resistance of the switch satisfies USB voltage drop requirements.
Fault current is limited to typically 750mA, well below the UL 25VA
safety requirement. Flag outputs are available to indicate fault
conditions to the local USB controller. In addition, soft start can
eliminate the momentary voltage drop which is generated on the
upstream port that may occur when the switch is enabled in
bus-powered applications.
This device has independent functions enable and flag, and an
enable input is compatible with both 3.3V and 5V logic.
The UTC U2076A includes protection circuits. Thermal shutdown
circuit is designed to protect the device from being damaged when
high-current loads exist. UVLO (Under-voltage lockout) is used to keep
the device off unless there is a valid input voltage present.
The UTC U2076A is use in applications, such as USB host and
self-powered hubs, bus-powered hubs, hot plug-in power supplies,
and battery-charger circuits.
FEATURES
* MOSFET with Low On-Resistance: 140mΩ max.@5.0V per Channel
* Continuous Load Current: 500mA (MIN.) per Channel
* Off-State Supply Current: 1µA (TYP.)
* Output can be Forced Higher than Input (Off-State)
* Current Limit up to 1.25A (MAX.)
* Input Supply Voltage: 3.0V ~ 5.5V
* On-State Supply Current: 110µA (TYP.)
* Thermal Shutdown Protection Circuit
* UVLO (Undervoltage Lockout): 2.4V (TYP.)
* Open-Drain Fault Flag
* 1ms Turn-On (Soft-Start) and Fast Turn-Off
* Compliant to USB Specifications
* Available with Active-Low Enable
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
US2076AG-S08-R
SOP-8
Tape Reel


Similar Part No. - US2076A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
More results

Similar Description - US2076A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
   DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6526 SSC-SS6526 Datasheet
356Kb / 12P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com