Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX680 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX680
Description  5V to 짹10V Voltage Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX680 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX680 Datasheet HTML 1Page - Maxim Integrated Products MAX680 Datasheet HTML 2Page - Maxim Integrated Products MAX680 Datasheet HTML 3Page - Maxim Integrated Products MAX680 Datasheet HTML 4Page - Maxim Integrated Products MAX680 Datasheet HTML 5Page - Maxim Integrated Products MAX680 Datasheet HTML 6Page - Maxim Integrated Products MAX680 Datasheet HTML 7Page - Maxim Integrated Products MAX680 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
________________General Description
The MAX680/MAX681 are monolithic, CMOS, dual
charge-pump voltage converters that provide ±10V out-
puts from a +5V input voltage. The MAX680/MAX681 pro-
vide both a positive step-up charge pump to develop
+10V from +5V input and an inverting charge pump to
generate the -10V output. Both parts have an on-chip,
8kHz oscillator. The MAX681 has the capacitors internal to
the package, and the MAX680 requires four external
capacitors to produce both positive and negative voltages
from a single supply.
The output source impedances are typically 150
Ω, pro-
viding useful output currents up to 10mA. The low quies-
cent current and high efficiency make this device suitable
for a variety of applications that need both positive and
negative voltages generated from a single supply.
The MAX864/MAX865 are also recommended for new
designs. The MAX864 operates at up to 200kHz and uses
smaller capacitors. The MAX865 comes in the smaller
µMAX package.
________________________Applications
The MAX680/MAX681 can be used wherever a single
positive supply is available and where positive and nega-
tive voltages are required. Common applications include
generating ±6V from a 3V battery and generating ±10V
from the standard +5V logic supply (for use with analog
circuitry). Typical applications include:
____________________________Features
o 95% Voltage-Conversion Efficiency
o 85% Power-Conversion Efficiency
o +2V to +6V Voltage Range
o Only Four External Capacitors Required (MAX680)
o No Capacitors Required (MAX681)
o 500µA Supply Current
o Monolithic CMOS Design
+5V to ±10V Voltage Converters
________________________________________________________________
Maxim Integrated Products
1
VCC
C2-
GND
V-
1
2
8
7
V+
C1+
C2+
C1-
MAX680
DIP/SO
TOP VIEW
3
4
6
5
14
13
12
11
10
9
8
1
2
3
4
5
6
7
VCC
VCC
VCC
VCC
C2+
C1-
C1-
V+
MAX681
V+
GND
GND
V-
C2-
C2-
DIP
_________Typical Operating Circuits
MAX680
+10V
4.7
µF
4.7
µF
4.7
µF
4.7
µF
-10V
GND
+10V
-10V
GND
FOUR PINS REQUIRED
(MAX681 ONLY)
+5V
GND
GND
+5V
C1-
C1+
V-
V+
C2-
VCC
GND
+5V to ±10V CONVERTER
MAX681
V-
V+
VCC
GND
C1+
_________________Pin Configurations
19-0896; Rev 1; 7/96
PART
MAX680CPA
MAX680CSA
MAX680C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 Narrow SO
Dice
_______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX680EPA
MAX680ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 Narrow SO
MAX680MJA
-55°C to +125°C
8 CERDIP
MAX681CPD
MAX681EPD
-40°C to +85°C
0°C to +70°C
14 Plastic DIP
14 Plastic DIP
±6V from 3V Lithium Cell
Hand-Held Instruments
Data-Acquisition Systems
Panel Meters
±10V from +5V Logic
Supply
Battery-Operated
Equipment
Operational Amplifier
Power Supplies


Similar Part No. - MAX680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800UR26D3-T MAXIM-MAX6800UR26D3-T Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800UR26D3-T MAXIM-MAX6800UR26D3-T Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
More results

Similar Description - MAX680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
ams AG
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
   Light-to-Voltage Converters
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
ams AG
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
   LIGHT-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com