Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1528XG-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US1528XG-S08-R
Description  USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1528XG-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  US1528XG-S08-R Datasheet HTML 1Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 2Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 3Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 4Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 5Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 6Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 7Page - Unisonic Technologies US1528XG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
US1528
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-457.b
APPLICATIONS INFORMATION
Supply Filtering
In order to control supply transients, a bypass capacitor is located nearly between IN to GND. 0.1µF ~ 1µF is
suitable (See Figure 1). Without a bypass capacitor, an output short may cause sufficient ringing on the input (from
supply lead inductance) to damage internal control circuitry.
Input transients must not exceed the absolute maximum supply voltage (VIN Max = 6V) even for a short duration.
EN
/EN , The Active-High/Low Enable Input
For a clearly defined input, the EN/EN pin, with 0.2V hysteresis, must be driven logic high or logic low. Floating
the input may cause unpredictable operation. EN/EN should not be allowed to go negative with respect to GND.
Soft Start
The UTC US1528 is high impedance when off and slowly becomes a low impedance as it turns on. This
reduces inrush current and related voltage drop that results from charging a capacitive load, satisfying the USB
voltage drop requirements, for bus-powered applications as shown in Figure 2.


Similar Part No. - US1528XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528XG-S08-R UTC-US1528XG-S08-R Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
More results

Similar Description - US1528XG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
MIC2529 MICREL-MIC2529 Datasheet
138Kb / 11P
   Single-Channel USB Power Controller Advance Information
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com