Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6363HUT44 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6363HUT44
Description  SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6363HUT44 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6363HUT44 Datasheet HTML 1Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 2Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 3Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 4Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 5Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 6Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 7Page - Maxim Integrated Products MAX6363HUT44 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V
SOT23, Low-Power µP Supervisory Circuits
with Battery Backup
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.4V to +5.5V, VBATT = 3V, TA = -40°C to +85°C, reset not asserted, typical values are at TA = +25°C, unless otherwise
noted.) (Note 1)
Note 1: Overtemperature limits are guaranteed by design and not production tested.
Note 2: VBATT can be 0 anytime or VCC can go down to 0 if VBATT is active (except at startup).
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Output Voltage
VOL
0.4
V
Output Short-Circuit Current
60
mA
ISINK = 3.2mA, VBATT = 2.1V
Sink current, VCC = 5V
RESET Output Leakage Current
ILK
1
µA
MR Input Voltage
0.7
· VCC
V
Pull-Up Resistance
20
k
Minimum Pulse Width
1
µs
Glitch Immunity
100
ns
MR to Reset Delay
120
ns
MAX636_P only
VCC = 3.3V
VCC = 3.3V
RESET Output Voltage
VOL
0.3
V
Reset asserted,
VBATT = 0
Input Threshold
1.185
1.235
1.285
V
RESET IN Leakage Current
±0.01
±25
nA
1.5
µs
Overdrive voltage = 50mV, RESET IN falling
RESET IN to Reset Delay
10
30
100
µA
Source current, VBATT
≥ 2V
VIH
VIL
0.3
· VCC
RESET Output Voltage
VOH
0.7
· VCC
V
Reset asserted,
VBATT = 0
VOL
0.3
VOH
0.8
· VCC
Reset not asserted
Reset not asserted
(MAX636_L only)
ISOURCE = 500µA,
VCC
≥ VTH(MAX)
ISINK = 1.6mA,
VCC
≥ VTH(MAX)
0.8
· VCC
0.4
ISOURCE = 1mA,
VCC
≥ 1.8V
ISOURCE = 200µA,
VCC
≥ 1.2V
ISINK = 100µA,
VCC
≥ 1.2V
ISINK = 1.6mA,
VCC
≥ 2.1V
MANUAL RESET (MAX6361 only)
BATT ON (MAX6363 only)
RESET IN (MAX6364 only)


Similar Part No. - MAX6363HUT44

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6363HUT MAXIM-MAX6363HUT Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
More results

Similar Description - MAX6363HUT44

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com