Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7K18-40E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK7K18-40E
Description  Dual N-channel 40 V, 19 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7K18-40E Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7K18-40E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7K18-40E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
BUK7K18-40E
Dual N-channel 40 V, 19 mΩ standard level MOSFET
BUK7K18-40E
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
10 December 2013
3 / 13
Symbol
Parameter
Conditions
Min
Max
Unit
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Source-drain diode FET1 and FET2
IS
source current
Tmb = 25 °C
-
24.2
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
127
A
Avalanche Ruggedness FET1 and FET2
EDS(AL)S
non-repetitive drain-source
avalanche energy
ID = 24.2 A; Vsup ≤ 40 V; VGS = 10 V;
Tj(init) = 25 °C; Fig. 3
[1][2]
-
26.3
mJ
[1] Refer to application note AN10273 for further information
[2] Single-pulse avalanche rating limited by maximum junction temperature of 175 °C
003aak253
0
25
50
75
100 125 150 175 200
0
10
20
30
40
Tmb (°C)
ID
ID
(A)
(A)
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature


Similar Part No. - BUK7K18-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K18-40E NEXPERIA-BUK7K18-40E Datasheet
744Kb / 13P
   Dual N-channel 40 V, 19 m廓 standard level MOSFET
More results

Similar Description - BUK7K18-40E_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7K18-40E NEXPERIA-BUK7K18-40E Datasheet
744Kb / 13P
   Dual N-channel 40 V, 19 m廓 standard level MOSFET
BUK7K6R2-40E NEXPERIA-BUK7K6R2-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 5.8 m廓 standard level MOSFET
BUK7K8R7-40E NEXPERIA-BUK7K8R7-40E Datasheet
763Kb / 13P
   Dual N-channel 40 V, 8.5 m廓 standard level MOSFET
logo
NXP Semiconductors
BUK7K6R2-40E PHILIPS-BUK7K6R2-40E_15 Datasheet
344Kb / 13P
   Dual N-channel 40 V, 5.8 m廓 standard level MOSFET
6 November 2013
BUK7K8R7-40E PHILIPS-BUK7K8R7-40E_15 Datasheet
344Kb / 13P
   Dual N-channel 40 V, 8.5 m廓 standard level MOSFET
6 November 2013
logo
Nexperia B.V. All right...
BUK7K6R8-40E NEXPERIA-BUK7K6R8-40E Datasheet
739Kb / 13P
   Dual N-channel 40 V, 6.8 m廓 standard level MOSFET
logo
NXP Semiconductors
BUK7K6R8-40E PHILIPS-BUK7K6R8-40E_15 Datasheet
302Kb / 13P
   Dual N-channel 40 V, 6.8 m廓 standard level MOSFET
6 November 2013
PSMN2R2-40PS NXP-PSMN2R2-40PS Datasheet
213Kb / 13P
   N-channel 40 V 2.1 m廓 standard level MOSFET
Rev. 02-28 September 2009
PSMN2R2-40PS PHILIPS-PSMN2R2-40PS_15 Datasheet
278Kb / 13P
   N-channel 40 V 2.1 m廓 standard level MOSFET
22 February 2013
PSMN4R5-40PS NXP-PSMN4R5-40PS Datasheet
239Kb / 13P
   N-channel 40 V 4.6 m廓 standard level MOSFET
Rev. 02-25 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com