Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6709 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6709
Description  Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6709 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6709 Datasheet HTML 1Page - Maxim Integrated Products MAX6709 Datasheet HTML 2Page - Maxim Integrated Products MAX6709 Datasheet HTML 3Page - Maxim Integrated Products MAX6709 Datasheet HTML 4Page - Maxim Integrated Products MAX6709 Datasheet HTML 5Page - Maxim Integrated Products MAX6709 Datasheet HTML 6Page - Maxim Integrated Products MAX6709 Datasheet HTML 7Page - Maxim Integrated Products MAX6709 Datasheet HTML 8Page - Maxim Integrated Products MAX6709 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX6709/MAX6714 quad voltage monitors provide
accurate monitoring of up to four supplies without any
external components. A variety of factory-trimmed thresh-
old voltages and supply tolerances are available to opti-
mize the MAX6709/MAX6714 for specific applications.
The selection includes input options for monitoring 5.0V,
3.3V, 3.0V, 2.5V, and 1.8V voltages. Additional high-input-
impedance comparator options can be used as
adjustable voltage monitors, general-purpose compara-
tors, or digital-level translators.
The MAX6709 provides four independent open-drain
outputs with 10µA internal pullup to VCC. The MAX6714
provides an active-low, open-drain RESET output with
integrated reset timing and three power-fail comparator
outputs.
Each of the monitored voltages is available with trip
thresholds to support power-supply tolerances of either
5% or 10% below the nominal voltage. An internal
bandgap reference ensures accurate trip thresholds
across the operating temperature range.
The MAX6709 consumes only 35µA (typ) of supply cur-
rent. The MAX6714 consumes only 60µA (typ) of supply
current. The MAX6709/MAX6714 operate with supply
voltages of 2.0V to 5.5V. An internal undervoltage lock-
out circuit forces all four digital outputs low when VCC
drops below the minimum operating voltage. The four
digital outputs have weak internal pullups to VCC,
accommodating wire-ORed connections. Each input
threshold voltage has an independent output. The
MAX6709/MAX6714 are available in a 10-pin µMAX
package and operate over the extended (-40°C to
+85°C) temperature range.
Applications
Telecommunications
Servers
High-End Printers
Desktop and Notebook Computers
Data Storage Equipment
Networking Equipment
Multivoltage Systems
Features
o Monitor Four Power-Supply Voltages
o Precision Factory-Set Threshold Options for 5.0V,
3.3V, 3.0V, 2.5V, and 1.8V (Nominal) Supplies
o Adjustable Voltage Threshold Monitors Down to
0.62V
o High-Accuracy (±2.0%) Adjustable Threshold
Inputs
o Low Supply Current
MAX6709: 35µA
MAX6714: 60µA
o Four Independent, Active-Low, Open-Drain
Outputs with 10µA Internal Pullup to VCC
o 140ms (min) Reset Timeout Period
(MAX6714 only)
o 2.0V to 5.5V Supply Voltage Range
o Immune to Supply Transients
o Fully Specified from -40°C to +85°C
o Small 10-Pin µMAX Package
Low-Voltage, High-Accuracy, Quad Voltage
Monitors in µMAX Package
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
1
2
3
4
5
10
9
8
7
6
VCC
PWRGD1
PWRGD2
PWRGD3
IN4
IN3
IN2
IN1
MAX6709
µMAX
TOP VIEW
PWRGD4
GND
Pin Configurations
19-2379; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6709_UB*
-40°C to +85°C
10 µMAX
MAX6714_UB*
-40°C to +85°C
10 µMAX
Typical Operating Circuits appear at end of data sheet.
Selector Guides appear at end of data sheet.
*Insert the desired letter from the Selector Guide into the blank
to complete the part number.


Similar Part No. - MAX6709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709AUB MAXIM-MAX6709AUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709BUB MAXIM-MAX6709BUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709CUB MAXIM-MAX6709CUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709DUB MAXIM-MAX6709DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709EUB MAXIM-MAX6709EUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
More results

Similar Description - MAX6709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com