Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6700 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6700
Description  Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6700 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6700 Datasheet HTML 1Page - Maxim Integrated Products MAX6700 Datasheet HTML 2Page - Maxim Integrated Products MAX6700 Datasheet HTML 3Page - Maxim Integrated Products MAX6700 Datasheet HTML 4Page - Maxim Integrated Products MAX6700 Datasheet HTML 5Page - Maxim Integrated Products MAX6700 Datasheet HTML 6Page - Maxim Integrated Products MAX6700 Datasheet HTML 7Page - Maxim Integrated Products MAX6700 Datasheet HTML 8Page - Maxim Integrated Products MAX6700 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Information
TRANSISTOR COUNT: 699
PROCESS: BiCMOS
Low-Voltage, High-Accuracy, Triple/Quad
Voltage µP Supervisory Circuits in SOT Package
8
_______________________________________________________________________________________
NOMINAL INPUT VOLTAGE
PART**
(SUFFIX IN BOLD)
IN1
(V)
IN2
(V)
IN3
(V)
IN4
(V)
SUPPLY
TOLERANCE
(%)
TOP
MARK
MAX6700UT
Adj*
VCC
Adj*
Adj*
N/A
ABEK
MAX6710AUT
5
3.3
2.5
Adj*
10
AAZA
MAX6710BUT
5
3.3
2.5
Adj*
5
AAZB
MAX6710CUT
5
3.3
1.8
Adj*
10
AAZC
MAX6710DUT
5
3.3
1.8
Adj*
5
AAZD
MAX6710EUT
Adj*
3.3
2.5
1.8
10
AAZE
MAX6710FUT
Adj*
3.3
2.5
1.8
5
AAZF
MAX6710GUT
5
3.3
Adj*
Adj*
10
AAZG
MAX6710HUT
5
3.3
Adj*
Adj*
5
AAZH
MAX6710IUT
Adj*
3.3
2.5
Adj*
10
AAZI
MAX6710JUT
Adj*
3.3
2.5
Adj*
5
AAZJ
MAX6710KUT
Adj*
3.3
1.8
Adj*
10
AAZK
MAX6710LUT
Adj*
3.3
1.8
Adj*
5
AAZL
MAX6710MUT
Adj*
3
2.5
Adj*
10
AAZM
MAX6710NUT
Adj*
3
2.5
Adj*
5
AAZN
MAX6710OUT
Adj*
3
1.8
Adj*
10
AAZO
MAX6710PUT
Adj*
3
1.8
Adj*
5
AAZP
MAX6710QUT
Adj*
VCC
Adj*
Adj*
N/A
AAZQ
Selector Guide
*Adjustable voltage based on 0.62V internal threshold. External threshold voltage can be set using an external resistor-divider.
**The MAX6700 acts as a voltage detector with a 5µs propagation delay. The MAX6710 serves as a microprocessor reset circuit with a
140ms (min) reset timeout.
Figure 6. Adding Manual Reset Capability
IN1
IN2
IN3
MAX6710
GND
RESET
IN4
(ADJUSTABLE
INPUT)
R1
R2
Pin Configuration
(VCC) IN2
IN4
IN3
16
5
GND
IN1
( ) ARE FOR MAX6700/MAX6710Q ONLY
MAX6700
MAX6710
SOT23
TOP VIEW
2
34
RESET


Similar Part No. - MAX6700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700UT MAXIM-MAX6700UT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX6700UT-T MAXIM-MAX6700UT-T Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6700UT-T MAXIM-MAX6700UT-T Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX6700UT-T MAXIM-MAX6700UT-T Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
More results

Similar Description - MAX6700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
   Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com