Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6314US34D3-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6314US34D3-T
Description  68HC11/Bidirectional-Compatible 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6314US34D3-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6314US34D3-T Datasheet HTML 1Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 2Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6314US34D3-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6314 low-power CMOS microprocessor (µP)
supervisory circuit is designed to monitor power
supplies in µP and digital systems. The MAX6314’s
RESET output is bidirectional, allowing it to be directly
connected to µPs with bidirectional reset inputs, such
as the 68HC11. It provides excellent circuit reliability
and low cost by eliminating external components and
adjustments. The MAX6314 also provides a debounced
manual reset input.
This device performs a single function: it asserts a reset
signal whenever the VCC supply voltage falls below a
preset threshold or whenever manual reset is
asserted. Reset remains asserted for an internally pro-
grammed interval (reset timeout period) after VCC has
risen above the reset threshold or manual reset is
deasserted.
The MAX6314 comes with factory-trimmed reset
threshold voltages in 100mV increments from 2.5V
to 5V. Preset timeout periods of 1ms, 20ms, 140ms,
and 1120ms (minimum) are also available. The device
comes in a SOT143 package.
For a µP supervisor with an open-drain reset pin, see
the MAX6315 data sheet.
________________________Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Features
o Small SOT143 Package
o
RESET Output Simplifies Interface to
Bidirectional Reset I/Os
o Precision Factory-Set VCC Reset Thresholds:
100mV Increments from 2.5V to 5V
o ±1.8% Reset Threshold Accuracy at TA = +25°C
o ±2.5% Reset Threshold Accuracy Over Temp.
o Four Reset Timeout Periods Available:
1ms, 20ms, 140ms, or 1120ms (minimum)
o Immune to Short VCC Transients
o 5µA Supply Current
o Pin-Compatible with MAX811
68HC11/Bidirectional-Compatible
µP Reset Circuit
________________________________________________________________
Maxim Integrated Products
1
1
2
4
3
VCC
MR
RESET
GND
MAX6314
SOT143
TOP VIEW
Pin Configuration
MAX6314
VCC
VCC
GND
RESET
µP
RESET
MR
LASER-
TRIMMED
RESISTORS
VCC
4.7k
68HC11**
**OR OTHER µC/µP WITH BIDIRECTIONAL RESET I/O PIN.
RESET
CIRCUITRY
Typical Operating Circuit
19-1090; Rev 1; 1/99
Ordering and Marking Information appears at end of
data sheet.
* Patents Pending
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX6314US34D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US34D1-T MAXIM-MAX6314US34D1-T Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
MAX6314US34D2-T MAXIM-MAX6314US34D2-T Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
More results

Similar Description - MAX6314US34D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US44D2 MAXIM-MAX6314US44D2 Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
   3.3V 關P Power Suppl Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com