Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21956SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS21956SPBF
Description  Floating Input, High and Low(Dual mode) Side Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21956SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS21956SPBF Datasheet HTML 5Page - International Rectifier IRS21956SPBF Datasheet HTML 6Page - International Rectifier IRS21956SPBF Datasheet HTML 7Page - International Rectifier IRS21956SPBF Datasheet HTML 8Page - International Rectifier IRS21956SPBF Datasheet HTML 9Page - International Rectifier IRS21956SPBF Datasheet HTML 10Page - International Rectifier IRS21956SPBF Datasheet HTML 11Page - International Rectifier IRS21956SPBF Datasheet HTML 12Page - International Rectifier IRS21956SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IRS21956S
www.irf.com
© 2008 International Rectifier
9
Static Electrical Characteristics
(VCC-COM) = (VB-VS)=15V. TA = 25ºC. The VIN, VIN TH and IIN parameters are referenced to VSS. The VO and
IO parameters are referenced to respective VS, COM and are applicable to the respective output leads HO3,
LO. The VCCUV parameters are referenced to COM. The VBSUV parameters are referenced to VS. The VDDUV
parameters are referenced to VSS.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VDDUV+
VDD supply undervoltage positive
going threshold
4.0
VDDUV-
VDD supply undervoltage negative
going threshold
3.9
VCCUV+
VCC supply undervoltage positive
going threshold
7.8
8.7
9.6
VCCUV-
VCC supply undervoltage negative
going threshold
7.2
8.0
8.8
VBSUV+
VBS supply undervoltage positive
going threshold
7.8
8.7
9.6
VBSUV-
VBS supply undervoltage negative
going threshold
7.2
8.0
8.8
V
ILK1
High side floating well offset supply
leakage current
---
---
50
VB = VS = 600V
ILK2
High side floating well offset supply
leakage current
---
---
50
uA
VDD = VSS = 300V
IQDD
Quiescent VDD supply current
---
145
250
uA
IN1, 2, 3 = 0Vor 5V
IQBS
Quiescent VBS supply current
---
65
120
uA
HIN3 = 5V or 0V
---
1
1.5
mA
LIN1, 2 = 0V,
RES=130kohm
IQCC
Quiescent VCC supply current
---
5
7
mA
LIN1, 2 = 5V,
RES=130kohm
VIH
Logic “1” input voltage
3.5
---
---
VIL
Logic “0” input voltage
---
---
0.8
V
IIN+
Logic “1” input bias current
---
5
---
VIN= 5V
IIN-
Logic “0” input bias current
---
0
---
uA
VIN= 0V
Io+_
HO3, LO
Output high short circuit pulsed
current
---
0.5
---
VO=15V,VIN=5V,
PW<=10us
Io-_
HO3, LO
Output low short circuit pulsed
current
---
0.5
---
A
VO=0V,VIN=0V,
PW<=10us
VOL _
HO3, LO
Low level output voltage
---
35
150
Io=2mA
VOH _
HO3, LO
High level output voltage, Vbias-Vo
---
15
80
mV
Io=2mA
DV exp+
Positive DV input threshold for
exponential ramp
---
10
---
V
CREF =1nF, VSE open RRES
=130K


Similar Part No. - IRS21956SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21956S IRF-IRS21956S Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
More results

Similar Description - IRS21956SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21956S IRF-IRS21956S Datasheet
356Kb / 22P
   Floating Input, High and Low(Dual mode) Side Driver
IRS21856SPBF IRF-IRS21856SPBF_15 Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21856SPBF IRF-IRS21856SPBF Datasheet
297Kb / 21P
   High(Dual Mode) and Low Side Driver
IRS21962S IRF-IRS21962S Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
IRS21962SPBF IRF-IRS21962SPBF_15 Datasheet
246Kb / 14P
   Dual channel high-side drivers with floating input
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com