Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21850SPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS21850SPBF
Description  SINGLE HIGH SIDE DRIVER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21850SPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS21850SPBF Datasheet HTML 1Page - International Rectifier IRS21850SPBF Datasheet HTML 2Page - International Rectifier IRS21850SPBF Datasheet HTML 3Page - International Rectifier IRS21850SPBF Datasheet HTML 4Page - International Rectifier IRS21850SPBF Datasheet HTML 5Page - International Rectifier IRS21850SPBF Datasheet HTML 6Page - International Rectifier IRS21850SPBF Datasheet HTML 7Page - International Rectifier IRS21850SPBF Datasheet HTML 8Page - International Rectifier IRS21850SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IRS21850S
www.irf.com
© 2008 International Rectifier
4
Qualification Information
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
SOIC8
MSL2
††† 260°C
(per IPC/JEDEC J-STD-020)
Machine Model
Class C
(per JEDEC standard EIA/JESD22-A115)
ESD
Human Body Model
Class 2
(per EIA/JEDEC standard JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
†† Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.


Similar Part No. - IRS21850SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
More results

Similar Description - IRS21850SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21851SPBF IRF-IRS21851SPBF Datasheet
398Kb / 16P
   SINGLE HIGH SIDE DRIVER IC
IRS44273L IRF-IRS44273L Datasheet
1Mb / 15P
   Single Low-Side Driver IC
IRS44273L IRF-IRS44273L_15 Datasheet
461Kb / 15P
   Single Low-Side Driver IC
logo
Infineon Technologies A...
IRS44273LPBF INFINEON-IRS44273LPBF Datasheet
588Kb / 15P
   Single Low-Side Driver IC
January 15, 2015
logo
International Rectifier
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com