Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6347R43-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6347R43-T
Description  3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6347R43-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6347R43-T Datasheet HTML 1Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 2Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 3Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 4Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 5Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 6Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 7Page - Maxim Integrated Products MAX6347R43-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3-Pin, Ultra-Low-Power SC70/SOT
µP Reset Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 3V.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ...........................................................................-0.3V to +6V
RESET, RESET (push-pull) .........................-0.3V to (VCC + 0.3V)
RESET (open drain)..................................................-0.3V to +6V
Input Current (VCC) .............................................................20mA
Output Current (RESET, RESET).........................................20mA
Rate of Rise (VCC) ...........................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.7mW/°C above +70°C) ...............174mW
3-Pin SOT23 (derate 4mW/°C above +70°C)................320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Overtemperature limits are guaranteed by design and not production tested.
RESET Output Voltage
(MAX6327/MAX6347)
VOL
0.4
ISINK = 3.2mA, VCC = VTH(MAX), VTH
≥ 4.5V
0.4
ISINK = 3.2mA, VCC
≥ 4.5V, reset not asserted,
VTH
≤ 4.38V
V
VOH
ISOURCE = 50µA, VCC
≥ 1.2V, reset asserted
0.3
ISINK = 1.2mA, VCC
≥ 3.2V, reset not asserted,
MAX6327 only
0.8 · VCC
0.8 · VCC
ISOURCE = 500µA, VCC
≥ 2.1V, reset asserted
1.0
1.75
µA
0.5
1.0
Supply Current
ICC
VCC = 5.5V, no load
Reset Threshold
VTH -
VTH
VTH +
1.5%
1.5%
V
VTH
VTH -
VTH
VTH +
2.5%
2.5%
Table 1
TA = +25°C
TA = -40°C to +85°C
1.2
5.5
1.0
5.5
0.8 · VCC
0.8 · VCC
0.8 · VCC
Open-Drain RESET Output
Leakage Current
µA
0.1
RESET Threshold
Hysteresis
mV
9.5
MAX6346/MAX6347/MAX6348
6.3
MAX6326/MAX6327/MAX6328
VCC to Reset Delay
20
µs
VCC = VTH to (VTH - 100mV)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
ms
100
185
280
VCC Range
V
Reset Threshold Tempco
∆VTH/°C
40
ppm/°C
CONDITIONS
TA = 0°C to +70°C
TA = -40°C to +85°C
V
Reset Active Timeout Period
ISOURCE = 800µA, VCC = VTH(MAX), VTH
≥ 4.5V
RESET Output Voltage
(MAX6326/MAX6346)
ISOURCE = 800µA, VCC = 4.5V, VTH
≤ 4.38V
VOH
ISOURCE = 500µA, VCC = 3.2V, MAX6326 only
MAX632_ only, VCC = 3.0V for VTH
≤ 2.93V,
VCC = 3.2V for VTH > 2.93V, no load
V
0.3
ISINK = 1.6mA, VCC > 2.1V, reset asserted
RESET Output Voltage
(MAX6326/MAX6328/
MAX6346/MAX6348)
VOL
0.4
ISINK = 100µA, VCC
≥ 1.2V, reset asserted


Similar Part No. - MAX6347R43-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6347 MAXIM-MAX6347 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
logo
NXP Semiconductors
MAX6347 PHILIPS-MAX6347 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-44D PHILIPS-MAX6347-44D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-44W PHILIPS-MAX6347-44W Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
MAX6347-46D PHILIPS-MAX6347-46D Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
More results

Similar Description - MAX6347R43-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
   3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
Maxim Integrated Produc...
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com