Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6659 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6659
Description  짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6659 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6659 Datasheet HTML 7Page - Maxim Integrated Products MAX6659 Datasheet HTML 8Page - Maxim Integrated Products MAX6659 Datasheet HTML 9Page - Maxim Integrated Products MAX6659 Datasheet HTML 10Page - Maxim Integrated Products MAX6659 Datasheet HTML 11Page - Maxim Integrated Products MAX6659 Datasheet HTML 12Page - Maxim Integrated Products MAX6659 Datasheet HTML 13Page - Maxim Integrated Products MAX6659 Datasheet HTML 14Page - Maxim Integrated Products MAX6659 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Alarm Threshold Registers
Four registers store ALERT threshold values—one high-
temperature (THIGH) and one low-temperature (TLOW)
register each for the local and remote channels. If
either measured temperature equals or exceeds the
corresponding ALERT threshold value, the ALERT out-
put is asserted.
The POR state of both ALERT THIGH registers is 0100
0110 or +70°C and the POR state of TLOW registers is
1100 1001 or -55°C.
Four additional registers store remote and local alarm
threshold data corresponding to the OVERT1 and
OVERT2 (MAX6659 only) outputs. The values stored in
these registers are high-temperature thresholds. If any
one of the measured temperatures equals or exceeds
the corresponding alarm threshold value, an OVERT
output is asserted. The POR state of the OVERT thresh-
old is 0101 0101 or +85°C.
Alert Interrupts
An ALERT interrupt occurs when the internal or external
temperature reading exceeds a high or low tempera-
ture limit (user programmed) or when the remote diode
is disconnected (for continuity fault detection). The
ALERT interrupt output signal is latched and can be
cleared only by either reading the Status register or by
successfully responding to an Alert Response address.
In both cases, the alert is cleared even if the fault con-
dition still exists, but is reasserted at the end of the next
conversion. The interrupt does not halt automatic con-
versions. The interrupt output pin is open-drain so that
multiple devices can share a common interrupt line.
The interrupt rate never exceeds the conversion rate.
Alert Response Address
The SMBus Alert Response interrupt pointer provides
quick fault identification for simple slave devices that
lack the complex, expensive logic needed to be a bus
master. Upon receiving an ALERT interrupt signal, the
host master can broadcast a Receive Byte transmission
to the Alert Response slave address (0001100). Then,
any slave device that generated an interrupt attempts
to identify itself by putting its own address on the bus
(Table 8).
The Alert Response can activate several different slave
devices simultaneously, similar to the I2C General Call.
If more than one slave attempts to respond, bus arbitra-
tion rules apply, and the device with the lower address
code wins. The losing device does not generate an
acknowledge and continues to hold the ALERT line low
until cleared. (The conditions for clearing an alert vary,
depending on the type of slave device.) Successful
completion of the Alert Response protocol clears the
interrupt latch, provided the condition that caused the
alert no longer exists. If the condition still exists, the
device reasserts the ALERT interrupt at the end of the
next conversion.
OVERT Overtemperature
Alarm/Warning Outputs
OVERT1 and OVERT2 (MAX6659 only) are asserted
when the temperature rises to a value programmed in
the appropriate threshold register. They are deasserted
when the temperature drops below this threshold minus
the hysteresis. An OVERT output can be used to acti-
vate a cooling fan, send a warning, or trigger a system
shutdown to prevent component damage. The HYST
byte sets the amount of hysteresis for both OVERT out-
puts. The data format for the HYST byte is the same for
the other temperature registers (Table 2).
______________________________________________________________________________________
11
FRACTIONAL
TEMPERATURE
CONTENTS OF
EXTENDED REGISTER
0.000
000X XXXX
0.125
001X XXXX
0.250
010X XXXX
0.375
011X XXXX
0.500
100X XXXX
0.625
101X XXXX
0.750
110X XXXX
0.875
111X XXXX
Table 3. Extended Resolution Register
Note: Extended resolution applies only for conversion rates of
4Hz and slower.
DIGITAL OUTPUT
TEMP (
°C)
MAX6657
MAX6658
MAX6659
130.00
0 111 1111
0 111 1111
127.00
0 111 1111
0 111 1111
126.00
0 111 1111
0 111 1111
25
0 001 1001
0 001 1001
0.00
0 000 0000
0 000 0000
-1
1 000 0000
1 111 1111
-25
1 000 0000
1 110 0111
-55
1 000 0000
1 100 1001
Diode Fault
(Short or Open)
1 000 0000
1 000 0000
Table 2. Data Format (Two's Complement)
±1°C, SMBus-Compatible Remote/Local Temperature
Sensors with Overtemperature Alarms


Similar Part No. - MAX6659

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX665 MAXIM-MAX665 Datasheet
344Kb / 8P
   8V CMOS Switched-Capacitor Voltage Converter
Rev 0; 6/92
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
More results

Similar Description - MAX6659

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com