Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6319MH Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6319MH
Description  5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6319MH Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6319MH Datasheet HTML 1Page - Maxim Integrated Products MAX6319MH Datasheet HTML 2Page - Maxim Integrated Products MAX6319MH Datasheet HTML 3Page - Maxim Integrated Products MAX6319MH Datasheet HTML 4Page - Maxim Integrated Products MAX6319MH Datasheet HTML 5Page - Maxim Integrated Products MAX6319MH Datasheet HTML 6Page - Maxim Integrated Products MAX6319MH Datasheet HTML 7Page - Maxim Integrated Products MAX6319MH Datasheet HTML 8Page - Maxim Integrated Products MAX6319MH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
___________________________________________________________________Selector Guide
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
________________General Description
The MAX6316–MAX6322 family of microprocessor (µP)
supervisory circuits monitors power supplies and
microprocessor activity in digital systems. It offers sev-
eral combinations of push/pull, open-drain, and bidirec-
tional (such as Motorola 68HC11) reset outputs, along
with watchdog and manual-reset features. The
Selector
Guide below lists the specific functions available from
each device. These devices are specifically designed
to ignore fast negative transients on VCC. Resets are
guaranteed valid for VCC down to 1V.
These devices are available in 26 factory-trimmed reset
threshold voltages (from 2.5V to 5V, in 100mV incre-
ments), featuring four minimum power-on reset timeout
periods (from 1ms to 1.12sec), and four watchdog time-
out periods (from 6.3ms to 25.6sec). Nine standard ver-
sions are available with an order increment requirement
of 2500 pieces (see
Standard Versions table); contact
the factory for availability of other versions, which have
an order increment requirement of 10,000 pieces.
The MAX6316–MAX6322 are offered in a miniature
5-pin SOT23 package.
________________________Applications
Portable Computers
Computers
Controllers
Intelligent Instruments
Portable/Battery-Powered Equipment
Embedded Control Systems
____________________________Features
o Small 5-Pin SOT23 Package
o Available in 26 Reset Threshold Voltages
2.5V to 5V, in 100mV Increments
o Four Reset Timeout Periods
1ms, 20ms, 140ms, or 1.12sec (min)
o Four Watchdog Timeout Periods
6.3ms, 102ms, 1.6sec, or 25.6sec (typ)
o Four Reset Output Stages
Active-High, Push/Pull
Active-Low, Push/Pull
Active-Low, Open-Drain
Active-Low, Bidirectional
o Guaranteed Reset Valid to VCC = 1V
o Immune to Short Negative VCC Transients
o Low Cost
o No External Components
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
________________________________________________________________
Maxim Integrated Products
1
19-0496; Rev 3; 1/99
PART
MAX6316LUK____-T
MAX6316MUK____-T
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
5 SOT23-5
5 SOT23-5
_______________Ordering Information
Ordering Information continued at end of data sheet.
MAX6317HUK____-T
-40°C to +85°C
5 SOT23-5
MAX6318HUK____-T
-40°C to +85°C
5 SOT23-5
ACTIVE-LOW
OPEN-DRAIN
MAX6316L
MAX6316M
MAX6317H
MAX6321HP
MAX6318LH
MAX6318MH**
MAX6319LH
MAX6319MH**
MAX6320P
ACTIVE-LOW
PUSH/PULL
ACTIVE-HIGH
PUSH/PULL
ACTIVE-LOW
BIDIRECTIONAL
PART
WATCHDOG
INPUT
MANUAL
RESET
INPUT
MAX6322HP
RESET OUTPUTS*
*
The MAX6318/MAX6319/MAX6321/MAX6322 feature two types of reset output on each device.
**
Future product—contact factory for availability.
MAX6318MHUK____-T
-40°C to +85°C
5 SOT23-5
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.


Similar Part No. - MAX6319MH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6319MH MAXIM-MAX6319MH Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6319MH MAXIM-MAX6319MH Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6319MH MAXIM-MAX6319MH Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6319MH MAXIM-MAX6319MH Datasheet
118Kb / 8P
   Supervisory Circuit Evaluation Kit
19-4779; Rev 0; 8/98
MAX6319MHUK-T MAXIM-MAX6319MHUK-T Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
More results

Similar Description - MAX6319MH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com