Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6663AEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6663AEE
Description  Temperature Monitors and PWM Fan Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6663AEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6663AEE Datasheet HTML 3Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 4Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 5Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 6Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 7Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 8Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 9Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 10Page - Maxim Integrated Products MAX6663AEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Temperature Monitors and
PWM Fan Controllers
_______________________________________________________________________________________
7
Figure 1. SMBus Protocols
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects which
register you are writing to
Data Byte: data goes into the register
set by the co mma nd byte ( to se t
thresholds, configuration masks, and
sampling rate)
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
Data Byte: writes data to the
register commanded by the
last read byte or write byte
transmission
Data Byte: reads data from
the register commanded
by the last read byte or
write byte transmission;
also used for SMBus alert
response return address
S = Start condition
P = Stop condition
Shaded = Slave transmission
/ / / = Not acknowledged
ACK
7 bits
ADDRESS
ACK
8 bits
DATA
ACK
P
8 bits
S
COMMAND
WR
ACK
7 bits
ADDRESS
ACK
S
ACK
8 bits
DATA
7 bits
ADDRESS
RD
8 bits
P
S
COMMAND
/ / /
WR
ACK
7 bits
ADDRESS
8 bits
COMMAND
ACK
P
S
WR
ACK
7 bits
ADDRESS
RD
8 bits
DATA
P
S
/ / /
Figure 2. SMBus Write Timing Diagram
SMBCLK
AB
C
D
E
FG
H
I
J
K
SMBDATA
tSU:STA
tHD:STA
tLOW
tHIGH
tSU:DAT
tHD:DAT
tSU:STO tBUF
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
E = SLAVE PULLS SMBDATA LINE LOW
L
M
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE
H = LSB OF DATA CLOCKED INTO SLAVE
I = MASTER PULLS DATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO SLAVE
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION, DATA EXECUTED BY SLAVE
M = NEW START CONDITION


Similar Part No. - MAX6663AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX666 MAXIM-MAX666 Datasheet
364Kb / 8P
   Dual Mode??5V/Programmable Vicropower Voltage Regulators
Rev 1; 7/96
MAX6660 MAXIM-MAX6660 Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660 MAXIM-MAX6660 Datasheet
190Kb / 7P
   MAX6660 Evaluation System/Evaluation Kit
Rev 0; 1/02
MAX6660AEE MAXIM-MAX6660AEE Datasheet
204Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
Rev 0; 10/01
MAX6660AEE MAXIM-MAX6660AEE Datasheet
483Kb / 21P
   Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
2006
More results

Similar Description - MAX6663AEE

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
logo
SMSC Corporation
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Global Mixed-mode Techn...
G7951 GMT-G7951 Datasheet
35Kb / 2P
   Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com