Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6654 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6654
Description  1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6654 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6654 Datasheet HTML 1Page - Maxim Integrated Products MAX6654 Datasheet HTML 2Page - Maxim Integrated Products MAX6654 Datasheet HTML 3Page - Maxim Integrated Products MAX6654 Datasheet HTML 4Page - Maxim Integrated Products MAX6654 Datasheet HTML 5Page - Maxim Integrated Products MAX6654 Datasheet HTML 6Page - Maxim Integrated Products MAX6654 Datasheet HTML 7Page - Maxim Integrated Products MAX6654 Datasheet HTML 8Page - Maxim Integrated Products MAX6654 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX6654is a precise digital thermometer that
reports the temperature of both a remote P-N junction
and its own die. The remote junction can be a diode-con-
nected transistor—typically a low-cost, easily mounted
2N3904 NPN type or 2N3906 PNP type—that replaces
conventional thermistors or thermocouples. Remote
accuracy is ±1°C for multiple transistor manufacturers,
with no calibration needed. The remote junction can also
be a common-collector PNP, such as a substrate PNP of
a microprocessor (µP).
The 2-wire serial interface accepts standard System
Management Bus (SMBus)TM, Write Byte, Read Byte,
Send Byte, and Receive Byte commands to program the
alarm thresholds and to read temperature data.
Measurements can be done automatically and
autonomously, with the conversion rate programmed by
the user, or programmed to operate in a single-shot
mode. The adjustable conversion rate allows the user to
optimize supply current and temperature update rate to
match system needs. When the conversion rate is faster
than 1Hz, the conversion results are available as a 7-bit-
plus-sign byte with a 1°C LSB. When the conversion rate
is 1Hz or slower, the MAX6654 enters the extended
mode. In this mode, 3 additional bits of temperature data
are available in the extended resolution register, provid-
ing 10-bit-plus-sign resolution with a 0.125°C LSB.
Single-shot conversions also have 0.125°C per LSB reso-
lution when the conversion rate is 1Hz or slower.
A parasitic resistance cancellation (PRC) mode can also
be invoked for conversion rates of 1Hz or slower by set-
ting bit 4 of the configuration register to 1. In PRC mode,
the effect of series resistance on the leads of the external
diode is canceled. The 11-bit conversion in PRC mode is
performed in <500ms and is disabled for conversion
rates faster than 1Hz. The one-shot conversion is also 11
bits in <500ms.
The MAX6654 default low-temperature measurement
limit is 0°C. This can be extended to -64°C by setting bit
5 of the configuration register to 1.
The MAX6654 is available in a small, 16-pin QSOP sur-
face-mount package.
________________________Applications
Features
o High Accuracy ±1°C (max) from +70°C to +100°C
(Remote)
o 11-Bit, 0.125°C Resolution
o Dual Channel: Measures Remote and Local
Temperature
o No Calibration Required
o Programmable Under/Overtemperature Alarms
o I2C™-Compatible/SMBus Interface
o +3V to +5.5V Supply Range
1°C Accurate Remote/Local Temperature
Sensor with SMBus Serial Interface
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N.C.
N.C.
STBY
SMBCLK
N.C.
SMBDATA
ALERT
ADD0
N.C.
TOP VIEW
MAX6654
QSOP
VCC
DXP
ADD1
DXN
N.C.
GND
GND
Pin Configuration
VCC
DXP
CPU
DXN
STBY
10k EACH
CLOCK
DATA
INTERRUPT TO
µC
+3V TO +5V SUPPLY
200
0.1
µF
SMBCLK
SMBDATA
ALERT
GND
ADD0 ADD1
2200pF
MAX6654
Typical Operating Circuit
19-1836; Rev 2; 1/02
Ordering Information
Desktop Computers
Notebook Computers
Servers
Thin Clients
Workstations
Test and Measurement
Multichip Modules
SMBus is a trademark of Intel Corp.
I2C is a trademark of Philips Corp.
Patents pending
PART
TEMP. RANGE
PIN-PACKAGE
MAX6654MEE
-55
°C to +125°C
16 QSOP
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6654 MAXIM-MAX6654 Datasheet
151Kb / 5P
   Measures and Displays Remote Sensor
Rev 0; 5/01
MAX6654EVKIT MAXIM-MAX6654EVKIT Datasheet
151Kb / 5P
   Measures and Displays Remote Sensor
Rev 0; 5/01
MAX6654EVSYS MAXIM-MAX6654EVSYS Datasheet
151Kb / 5P
   Measures and Displays Remote Sensor
Rev 0; 5/01
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
More results

Similar Description - MAX6654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6690 MAXIM-MAX6690_09 Datasheet
154Kb / 16P
   2°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 4/09
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com