Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6468US26D3 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6468US26D3
Description  Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6468US26D3 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6468US26D3 Datasheet HTML 1Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 2Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 3Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 4Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 5Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 6Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 7Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 8Page - Maxim Integrated Products MAX6468US26D3 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microprocessor Supervisory Reset Circuits
with Edge-Triggered, One-Shot Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.2V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +6.0V
RESET to GND
Open-Drain........................................................-0.3V to +6.0V
Push-Pull.................................................-0.3V to (VCC + 0.3V)
MR to GND .................................................-0.3V to (VCC + 0.3V)
Input/Output Current (all pins) ............................................20mA
Continuous Power Dissipation (TA = +70°C)
4-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
4-Pin SOT143 (derate 4mW/°C above +70°C).............320mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +125°C
1.0
5.5
Operating Voltage Range
VCC
TA = -40°C to 0°C
1.2
5.5
V
VCC = +5.5V, no load
7
13
VCC = +3.6V, no load
6
11
VCC = +2.5V, no load
4
8
Supply Current
ICC
VCC = +1.8V, no load
3
7.5
µA
TA = +25°C
-1.5%
VTH
+1.5%
TA = -40°C to +85°C
-2.5%
+2.5%
VCC Reset Threshold
(See the Reset Threshold Table)
VTH
TA = +85°C to +125°C
-3%
+3%
V
VCC Reset Delay
tRD
VCC falling at 10mV/µs from VTH + 100mV
to VTH - 100mV
35
µs
D3 option
150
225
300
VCC Reset Timeout Period
tRP
D7 option
1200
1800
2400
ms
MR Timeout Period
tMRP
D3 and D7 options
150
225
300
ms
MR Rising Debounce Period
(Note 2)
tDEB
D3 and D7 options
150
225
300
ms
VIL
0.3 x VCC
VIH
VTH < +4V
0.7 x VCC
VIL
0.8
MR Input Voltage
VIH
VTH
≥ +4V
2.4
V
MR Minimum Input Pulse
1µs
MR Glitch Rejection
100
ns
MR to RESET Delay
200
ns
MR Pullup Resistance
MR to VCC
750
1500
2250
VCC
≥ +2.5V, ISOURCE = 500µA, RESET not
asserted
0.8 x VCC
RESET Output High
(MAX6468 Only)
VOH
VCC
≥ +4.5V, ISOURCE = 800µA, RESET not
asserted
0.8 x VCC
V


Similar Part No. - MAX6468US26D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6460 MAXIM-MAX6460 Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
MAX6460 MAXIM-MAX6460 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6460 MAXIM-MAX6460 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6460 MAXIM-MAX6460 Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6460UT-T MAXIM-MAX6460UT-T Datasheet
270Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 1; 6/03
More results

Similar Description - MAX6468US26D3

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3702 NSC-LM3702 Datasheet
222Kb / 13P
   Microprocessor Supervisory Circuits with Low Line Output and Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com