Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSL101 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSL101
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101 Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSL101_15 Datasheet HTML 1Page - Unisonic Technologies UPSL101_15 Datasheet HTML 2Page - Unisonic Technologies UPSL101_15 Datasheet HTML 3Page - Unisonic Technologies UPSL101_15 Datasheet HTML 4Page - Unisonic Technologies UPSL101_15 Datasheet HTML 5Page - Unisonic Technologies UPSL101_15 Datasheet HTML 6Page - Unisonic Technologies UPSL101_15 Datasheet HTML 7Page - Unisonic Technologies UPSL101_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-027.b
ISOLATED, PRIMARY SIDE
CONTROL LED LIGHTING
DRIVER WITH ACTIVE PFC
DESCRIPTION
The UTC UPSL101 is a primary side control offline LED
lighting controller which can achieve high power factor and
accurate LED current for an isolate lighting application in a single
converter.
The UTC UPSL101 can control the LED current accurately
from the primary side information. It can significantly simplify the
LED lighting system design by eliminating the secondary side
feedback components and the opto-coupler. And it integrates
power factor correction function and works in transition mode for
reducing the MOSFET switching losses.
The LED current can be adjusted externally by the sense
resistor RCS at CS pin. The UTC UPSL101 achieves high
precision current along with excellent line regulation and load
regulation.
The UTC UPSL101 offers comprehensive protection coverage
with auto-recovery features including VCC over voltage protection,
LED open/short circuit protection, over temperature protection,
over current protection, leading edge blanking, VCC under voltage
lockout, VCC clamp, GATE clamp, etc.
FEATURES
SOP-8
* Primary-side control with single stage PFC topology
* Transition mode (TM) operation to achieve high efficiency
* Minimized BOM count
* Cycle-by-cycle current limiting (OCP)
* Selectable threshold of OCP
* High current accuracy
* VCC over voltage protection
* Analog multiplier for power factor correction
* Over-temperature protection
* Output over voltage protection
* LED open circuit protection
* LED short circuit protection
* Soft-start
* Ultra-low start-up current
* VCC under voltage lockout (UVLO)
ORDERING INFORMATION
Ordering Number
Package
Packing
UPSL101G-S08-R
SOP-8
Tape Reel
UPSL101G-S08-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free and Lead Free


Similar Part No. - UPSL101_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101G-S08-R UTC-UPSL101G-S08-R Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101G-S08-T UTC-UPSL101G-S08-T Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101L-S08-R UTC-UPSL101L-S08-R Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101L-S08-T UTC-UPSL101L-S08-T Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
More results

Similar Description - UPSL101_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
List of Unclassifed Man...
FT825 ETC2-FT825 Datasheet
393Kb / 12P
   Primary-Side Control LED Driver with High PFC
logo
ON Semiconductor
FL6632 ONSEMI-FL6632 Datasheet
489Kb / 15P
   Primary-Side-Regulated LED Driver
May 2015 Rev. 1.0
FL7733A ONSEMI-FL7733A Datasheet
453Kb / 15P
   Primary-Side-Regulated LED Driver
December 2014 Rev. 1.2
logo
Holtek Semiconductor In...
HT7L2103 HOLTEK-HT7L2103 Datasheet
1Mb / 11P
   Anti-EMI, High Efficiency Dimmable LED Lighting Driver with Primary-Side Constant Control and Green Mode
logo
Taiwan Semiconductor Co...
TS19704 TSC-TS19704 Datasheet
160Kb / 7P
   Single-Stage Primary-Side Control with High PFC LED Driver
logo
Richtek Technology Corp...
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
   Primary-Side Regulation LED Driver Controller
logo
Monolithic Power System...
EV4026-J-00C MPS-EV4026-J-00C Datasheet
558Kb / 14P
   Universal Input, 18W Primary-side-control with Active PFC Isolated T8 LED Lamp Driver Evaluation Board
logo
ON Semiconductor
NCL30388 ONSEMI-NCL30388 Datasheet
373Kb / 18P
   Power Factor Corrected LED Driver Featuring Primary Side CC / CV Control
February, 2020 ??Rev. 3
logo
Richtek Technology Corp...
RT8457A RICHTEK-RT8457A Datasheet
141Kb / 11P
   Isolated Secondary-Side LED Lighting Dimmable Current Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com