Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130226-4389 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130226-4389
Description  Hose Stop 17.78- 22.35mm (.700 x .880)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130226-4389 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130226-4389 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130226-4389
Status:
Active
Overview:
Aero-Motive® Replacement Parts and Accessories
Description:
Hose Stop 17.78- 22.35mm (.700 x .880")
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130226
Cable Length
N/A
Duty
N/A
Overview
Aero-Motive® Replacement Parts and Accessories
Product Name
Aero-Motive®
Type
Hose Stop
UPC
78678858290
Woodhead
Yes
Physical
Cable Diameter
N/A
Cable Movement
N/A
Drum Lock
None
Mounting Style
N/A
Net Weight
53.290/g
Packaging Type
Carton
Travel Distance
N/A
Weight Range
N/A
Wire/Cable Type
N/A
Material Info
Old Part Number
ST2
EU RoHS
China RoHS
RoHS Compliance
Not Required
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130226Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130226-4389

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130226-4390 MOLEX11-130226-4390 Datasheet
30Kb / 1P
   Hose Stop 22.22- 31.75mm (.875 x 1.250)
More results

Similar Description - 130226-4389

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130226-4390 MOLEX11-130226-4390 Datasheet
30Kb / 1P
   Hose Stop 22.22- 31.75mm (.875 x 1.250)
logo
Fairchild Semiconductor
FGH40T70SHD FAIRCHILD-FGH40T70SHD Datasheet
690Kb / 9P
   700 V, 40 A Field Stop Trench IGBT
logo
Molex Electronics Ltd.
1300970266 MOLEX-1300970266 Datasheet
33Kb / 1P
   Dust-Tight Strain Relief Wide Range Grip, 1 NPT, Straight Male, Cable Diameter 17.78-24.64mm (.700-.970), Approximate Break Strength 317.51kg (700 lbs), v
02/27/2021
logo
PIC GmbH
MS-107-3 PIC-MS-107-3 Datasheet
23Kb / 1P
   Reed Sensor - pitch 17.78 mm
logo
Ralston Instruments.
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
   Quick-test hose, brass hose ends
logo
Siemens Semiconductor G...
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com