Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3875C Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3875C
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3875C Datasheet(HTML) 8 Page - Unisonic Technologies

  UC3875C Datasheet HTML 1Page - Unisonic Technologies UC3875C Datasheet HTML 2Page - Unisonic Technologies UC3875C Datasheet HTML 3Page - Unisonic Technologies UC3875C Datasheet HTML 4Page - Unisonic Technologies UC3875C Datasheet HTML 5Page - Unisonic Technologies UC3875C Datasheet HTML 6Page - Unisonic Technologies UC3875C Datasheet HTML 7Page - Unisonic Technologies UC3875C Datasheet HTML 8Page - Unisonic Technologies UC3875C Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UC3875C
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R103-075.b
REFRENCE CIRCUIT (12V/1.5A)
BOM
Reference
Component
Reference
Component
BD1
1N4007×4
Q1
4N65K
CX1 (Optional)
NC
R4 (Optional)
0Ω
CY1 (Optional)
YC 1nF/400V (Y1)
R1,R2
R 4.7MΩ 1206
C2
EC 33μF/400V 105°C
R3
R 200K
C1
EC 6.8μF/400V 105°C
R5
R 10Ω
C3
CC 1nF/1000V
R6
R 22Ω 1206
C4
EC 10μF/50V
R7
R 0.66Ω 1W
C5,C13 (Optional)
CC 100nF/50V
R8
R 10kΩ 0603
C8
CC 1nF/25V
R9
R 100kΩ 0805
C9
NC
R10
NC
C10, C11
EC 470uF/25V
R12
R 220Ω 0805
C12
CC 0.1μF/50V 0805
R13
R 1KΩ 0805
C14
100pF/25V
R14
R 680Ω 0805
D2
Diode 1N4007
R15
R 39kΩ 0805
D3
RS1D
R16
R 10kΩ 0805
D4 (Optional)
1N4148
R17
200kΩ 1206
D5
MBR10100
R18
1kΩ 0603
F1
2A/250V
T1
EE-219
L1
NC (Short)
U1
IC UTC UC3875C
L2
33μH 6×8mm
U2
TL431
ZD1
NC
U3
PC817


Similar Part No. - UC3875C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3875 TI-UC3875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC3875 TI1-UC3875 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
logo
Unisonic Technologies
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875AG-D08-T UTC-UC3875AG-D08-T Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875AG-S08-R UTC-UC3875AG-S08-R Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3875C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863 UTC-UC3863_17 Datasheet
262Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com