Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1238S-H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F1238S-H
Description  DC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1238S-H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F1238S-H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
12.18.14
F1238-H series
HIGH PERFORMANCE
.50
.40
.30
.10
0
20
40
80
120
140
AIR FLOW - CFM
.20
100
60
S
L
M
H
E
X
4x Ø 0.18
(Ø 4.5)
4.68 ±0.02
(119 ±0.5)
4.13 ±0.01
(105 ±0.3)
0.19
(5.0)
0.19
(5.0)
1.50 ±0.02
(38 ±0.5)
(119 x 119 x 38 mm)
4.69 x 4.69 x 1.5 inches
Features:
high performance impeller for
maximum air flow
Construction:
brass bearing stand
Bearing option: ball bearings
Connection:
lead wires or terminal
Frame:
flanged
Protection:
electronic locked rotor sensor,
auto-restart, reverse polarity
protection
Options:
tachometer output or locked rotor
alarm signal
Model No.
Rated
Voltage
V
Current mA
Speed
RPM
Air Volume
CFM
Max. Static
Pressure (H20)
INCH
Sound
Noise
dbA
Weight
oz
5
12
24
48
F1238S-H
5/12/24/48
520
180
90
60
2,100
81
0.16
33
9.45
F1238L-H
12/24/48
-
290
145
80
2,400
93
0.20
35
9.45
F1238M-H
12/24/48
-
360
180
120
2,700
103
0.24
38
9.45
F1238H-H
12/24/48
-
440
220
140
3,000
112
0.28
41
9.45
F1238E-H
12/24/48
-
700
350
210
3,300
121
0.33
44
9.45
F1238X-H
12/24
-
950
500
-
3,600
130
0.37
47
9.45


Similar Part No. - F1238S-H

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
F1238S-H MECHATRONICS-F1238S-H Datasheet
350Kb / 1P
   high performance impeller for maximum air flow
More results

Similar Description - F1238S-H

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com