Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6575 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6575
Description  SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6575 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6575 Datasheet HTML 1Page - Maxim Integrated Products MAX6575 Datasheet HTML 2Page - Maxim Integrated Products MAX6575 Datasheet HTML 3Page - Maxim Integrated Products MAX6575 Datasheet HTML 4Page - Maxim Integrated Products MAX6575 Datasheet HTML 5Page - Maxim Integrated Products MAX6575 Datasheet HTML 6Page - Maxim Integrated Products MAX6575 Datasheet HTML 7Page - Maxim Integrated Products MAX6575 Datasheet HTML 8Page - Maxim Integrated Products MAX6575 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SOT Temperature Sensor with
Multidrop Single-Wire Digital Interface
_______________________________________________________________________________________
3
0
10
5
15
20
25
30
35
-5
-3
-2
-4
-1
01
23
45
TEMPERATURE ACCURACY
(TA = +25°C)
ACCURACY (°C)
SAMPLE SIZE = 200
0
15
10
5
20
25
30
35
40
-5
-3 -2
-4
-1
0
1
2
3
4
5
TEMPERATURE ACCURACY
(TA = +85°C)
ACCURACY (°C)
SAMPLE SIZE = 200
-1.0
-0.5
0
0.5
1.0
1.5
-40
-10 5
-25
20 35 50 65 80 95 110 125
ACCURACY vs. TEMPERATURE
TEMPERATURE (°C)
120
140
130
160
150
180
170
190
-40
-10 5
20
-25
35 50 65 80 95 110 125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
+15
°C/div
+100
°C
+25
°C
THERMAL STEP RESPONSE
IN PERFLUORINATED FLUID
MAX6575L/H-04
5sec/div
MOUNTED ON 0.75 in.2
OF 2oz. COPPER
+12.5
°C/div
+100
°C
+25
°C
THERMAL STEP RESPONSE
IN STILL AIR
MAX6575L/H-05
20sec/div
MOUNTED ON 0.75 in.2
OF 2oz. COPPER
Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)
Pin Description
Bidirectional Interface Pin. A time delay between when the part is initiated externally by pulling I/O low and
when the part subsequently pulls I/O low, is proportional to absolute temperature (°K).
I/O
6
Time-Select Pins. Set the time delay factor by connecting TS1 and TS0 to either VDD or GND. See Table 1.
TS0, TS1
4, 5
No Connect. Connect pin to GND or leave open.
N.C.
3
Ground
GND
2
FUNCTION
PIN
NAME
Positive Supply Voltage
VDD
1


Similar Part No. - MAX6575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575HZUT MAXIM-MAX6575HZUT Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
MAX6575LZUT MAXIM-MAX6575LZUT Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results

Similar Description - MAX6575

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com