Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX652EPA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX652EPA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652EPA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX652EPA Datasheet HTML 1Page - Maxim Integrated Products MAX652EPA Datasheet HTML 2Page - Maxim Integrated Products MAX652EPA Datasheet HTML 3Page - Maxim Integrated Products MAX652EPA Datasheet HTML 4Page - Maxim Integrated Products MAX652EPA Datasheet HTML 5Page - Maxim Integrated Products MAX652EPA Datasheet HTML 6Page - Maxim Integrated Products MAX652EPA Datasheet HTML 7Page - Maxim Integrated Products MAX652EPA Datasheet HTML 8Page - Maxim Integrated Products MAX652EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
_______________________________________________________________________________________
5
130
20
EXT RISE AND FALL TIMES
vs. TEMPERATURE (1nF)
120
110
90
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
V+ = 5V, tRISE
100
80
70
60
40
50
30
V+ = 5V, tFALL
V+ = 12V, tRISE
V+ = 12V, tFALL
CEXT = 1nF
500
50
EXT RISE AND FALL TIMES
vs. TEMPERATURE (5nF)
450
400
350
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
V+ = 5V, tRISE
300
250
150
200
100
V+ = 5V, tFALL
V+ = 12V, tRISE
CEXT = 5nF
V+ = 12V, tFALL
1000
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DROPOUT VOLTAGE
vs. LOAD CURRENT
200
300
100
800
900
LOAD CURRENT (A)
600
500
700
400
MAX649, VOUT = 5V
MAX652, VOUT = 3V
MAX651, VOUT = 3.3V
1100
600
DROPOUT VOLTAGE
vs. TEMPERATURE
700
1000
900
800
MAX651
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
ILOAD = 1A
CIRCUIT OF FIGURE 1
MAX649
MAX652
250
0
REFERENCE OUTPUT RESISTANCE
vs. TEMPERATURE
50
200
150
100
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
IREF = 10µA
IREF = 50µA
IREF = 100µA
235
185
CS TRIP LEVEL
vs. TEMPERATURE
195
225
215
205
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
190
200
230
220
210
1.506
1.492
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
1.494
1.504
1.502
1.500
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
1.498
1.496
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX652EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX652 MAXIM-MAX652 Datasheet
87Kb / 4P
   provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520 Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
MAX6520EUR-T MAXIM-MAX6520EUR-T Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520EUR-T MAXIM-MAX6520EUR-T Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results

Similar Description - MAX652EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
logo
Semtech Corporation
EZ5Z3 SEMTECH-EZ5Z3 Datasheet
137Kb / 5P
   1A 5V to 3.3V or Adjustable Output EZ DROPPER
EZ5Z3L SEMTECH-EZ5Z3L Datasheet
149Kb / 5P
   250mA 5V to 3.3V or Adjustable Output EZ DROPPER?
logo
Maxim Integrated Produc...
MAX25206EVKIT MAXIM-MAX25206EVKIT Datasheet
792Kb / 7P
   Output Voltage: 5V or 3.3V Fixed or Adjustable between 0.7V to 20V
Rev 2; 1/21
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com