Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6482 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6482
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6482 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6482 Datasheet HTML 1Page - Maxim Integrated Products MAX6482 Datasheet HTML 2Page - Maxim Integrated Products MAX6482 Datasheet HTML 3Page - Maxim Integrated Products MAX6482 Datasheet HTML 4Page - Maxim Integrated Products MAX6482 Datasheet HTML 5Page - Maxim Integrated Products MAX6482 Datasheet HTML 6Page - Maxim Integrated Products MAX6482 Datasheet HTML 7Page - Maxim Integrated Products MAX6482 Datasheet HTML 8Page - Maxim Integrated Products MAX6482 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
_______________________________________________________________________________________
5
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
25
50
75
100
125
0
0
300
VOUT = 3.3V
COUT = 3.3
µF
PSRR vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
-50
-40
-30
-20
-10
0
-60
0.01
1000
VOUT = 3.3V
COUT = 3.3
µF
ILOAD = 30mA
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
LOAD CURRENT (mA)
250
200
150
100
50
1
2
3
4
5
0
0300
COUT = 4.7
µF
COUT = 3.3
µF
STABLE REGION
OUTPUT NOISE
MAX6469 toc07
500
µs/div
100
µV/div
VIN = 4.5V
VOUT = 3.3V
ILOAD = 100mA
100
0
10
100
10k
100k
OUTPUT NOISE vs. FREQUENCY
20
40
80
60
FREQUENCY (Hz)
1k
VIN = 2.5V
VOUT = 1.5V
IOUT = 100mA
SHUTDOWN RESPONSE
MAX6469 toc09
20ms/div
VOUT
2V/div
VSHDN
5V/div
ILOAD = 50mA
STARTUP RESPONSE
MAX6469 toc10
10
µs/div
VIN
2V/div
VOUT
2V/div
MAX6469 toc11
100
µs/div
VOUT
20mV/div
LOAD-TRANSIENT RESPONSE
MAX6469 toc12
10
µs/div
VIN = 5V
VOUT = 3.3V
ILOAD = 100mA
VOUT
5mV/div
LOAD-TRANSIENT RESPONSE
NEAR DROPOUT
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 3.3V, COUT = 3.3µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6482BL15BD3 MAXIM-MAX6482BL15BD3 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6482BL18AD3 MAXIM-MAX6482BL18AD3 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6482BL25BD3 MAXIM-MAX6482BL25BD3 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6482BL28AD3 MAXIM-MAX6482BL28AD3 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6482BL30BD3 MAXIM-MAX6482BL30BD3 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
More results

Similar Description - MAX6482

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com