Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6412UK26-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6412UK26-T
Description  Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6412UK26-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6412UK26-T Datasheet HTML 2Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 3Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 4Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 5Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 6Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 7Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 8Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 9Page - Maxim Integrated Products MAX6412UK26-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Use the following formula to calculate the externally
monitored voltage (VMON_TH):
VMON_TH = VRST (R1 + R2)/R2
where VMON_TH is the desired reset threshold voltage
and VRST is the reset input threshold (1.26V). Resistors
R1 and R2 can have very high values to minimize cur-
rent consumption due to low leakage currents. Set R2
to some conveniently high value (1M
Ω, for example)
and calculate R1 based on the desired monitored volt-
age, using the following formula:
R1 = R2 x (VMON_TH/VRST - 1) (
Ω)
Manual Reset Input
(MAX6412/MAX6413/MAX6414)
Many µP based products require manual reset capabil-
ity, allowing the operator, a technician, or external logic
circuitry to initiate a reset. A logic low on MR asserts
reset. Reset remains asserted while MR is low and for
the reset timeout period after MR returns high.
The MR has an internal 20k
Ω pullup resistor so it can
be left open if not used. Connect a normally open
momentary switch from MR to ground to create a man-
ual reset function (external debounce circuitry is not
required for long reset timeout periods).
A manual reset option can easily be implemented with the
MAX6415–MAX6420 by connecting a normally open
momentary switch in parallel with R2 (Figure 2). When the
switch is closed, the voltage on RESET IN goes to zero,
initiating a reset. Similar to the MAX6412/MAX6413/
MAX6414 manual reset, reset remains asserted while the
switch is closed and for the reset timeout period after the
switch is opened.
Monitoring Voltages Other than VCC
(MAX6415/MAX6416/MAX6417)
The MAX6415/MAX6416/MAX6417 contain an adjustable
reset threshold input. These devices can be used to
monitor voltages other than VCC. Calculate VMON_TH as
shown in the Reset Threshold section. (See Figure 3.)
Low-Power, Single/Dual-Voltage µP Reset Circuits
with Capacitor-Adjustable Reset Timeout Delay
6
_______________________________________________________________________________________
MAX6415
MAX6416
MAX6417
SRT
GND
RESET IN
VCC
R1
VMON_TH
VMON_TH = 1.26 x (R1 + R2) / R2
R2
Figure 1. Calculating the Monitored Threshold Voltage (VMON_TH)
MAX6415–
MAX6420
SRT
GND
RESET IN
VCC
R1
VCC
R2
Figure 2. Adding an External Manual Reset Function to the
MAX6415–MAX6420
MAX6415
MAX6416
MAX6417
SRT
GND
RESET IN
VCC
VCC
R1
VMON_TH
R2
Figure 3. Monitoring External Voltages


Similar Part No. - MAX6412UK26-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6412UK26-T MAXIM-MAX6412UK26-T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6412UK26-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
logo
SG Micro Corp
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
   Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
   Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com