Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6315US43D2-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6315US43D2-T
Description  Open-Drain SOT 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6315US43D2-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6315US43D2-T Datasheet HTML 1Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 2Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 3Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 4Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 5Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 6Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 7Page - Maxim Integrated Products MAX6315US43D2-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
________________General Description
The MAX6315 low-power CMOS microprocessor (µP)
supervisory circuit is designed to monitor power sup-
plies in µP and digital systems. It provides excellent cir-
cuit reliability and low cost by eliminating external
components and adjustments. The MAX6315 also pro-
vides a debounced manual reset input.
This device performs a single function: it asserts a reset
signal whenever the VCC supply voltage falls below a
preset threshold or whenever manual reset is asserted.
Reset remains asserted for an internally programmed
interval (reset timeout period) after VCC has risen above
the reset threshold or manual reset is deasserted. The
MAX6315’s open-drain RESET output can be pulled up
to a voltage higher than VCC.
The MAX6315 comes with factory-trimmed reset thresh-
old voltages in 100mV increments from 2.5V to 5V.
Preset timeout periods of 1ms, 20ms, 140ms, and
1120ms (minimum) are also available. The device
comes in a SOT143 package.
For microcontrollers (µCs) and µPs with bidirectional
reset pins, see the MAX6314 data sheet.
________________________Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
____________________________Features
o Small SOT143 Package
o Open-Drain RESET Output Can Exceed VCC
o Precision, Factory-Set VCC Reset Thresholds:
100mV Increments from 2.5V to 5V
o ±1.8% Reset Threshold Accuracy at TA = +25°C
o ±2.5% Reset Threshold Accuracy Over Temp.
o Four Reset Timeout Periods Available:
1ms, 20ms, 140ms, or 1120ms (minimum)
o Immune to Short VCC Transients
o 5µA Supply Current
o Pin-Compatible with MAX811
Open-Drain SOT µP Reset Circuit
________________________________________________________________
Maxim Integrated Products
1
1
2
4
3
VCC
MR
RESET
GND
MAX6315
SOT143
TOP VIEW
__________________Pin Configuration
MAX6315
VCC
VCC
GND
RESET
µP
RESET
MR
LASER-
TRIMMED
RESISTORS
RESET
CIRCUITRY
__________Typical Operating Circuit
19-2000; Rev 1; 1/99
Ordering and Marking Information appear at end of
data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX6315US43D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315US43D2-T MAXIM-MAX6315US43D2-T Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
More results

Similar Description - MAX6315US43D2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com