Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD3040 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCD3040
Description  Digital Power Controllers
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD3040_15 Datasheet HTML 6Page - Texas Instruments UCD3040_15 Datasheet HTML 7Page - Texas Instruments UCD3040_15 Datasheet HTML 8Page - Texas Instruments UCD3040_15 Datasheet HTML 9Page - Texas Instruments UCD3040_15 Datasheet HTML 10Page - Texas Instruments UCD3040_15 Datasheet HTML 11Page - Texas Instruments UCD3040_15 Datasheet HTML 12Page - Texas Instruments UCD3040_15 Datasheet HTML 13Page - Texas Instruments UCD3040_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
RGZPackage
(TopView)
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
ThermalPad
AD-03|COMP2
AD-04|COMP3
AD-05|COMP4
AD-08
V33D
V33A
DGND
AGND
BPCAP
GPIO_00/DPWM-1A
GPIO_32/FAULT-4A
GPIO_10/FAULT-2A
GPIO_08/FAULT-1A
GPIO_33/FAULT-4B
GPIO_11/FAULT-2B
GPIO_09/FAULT-1B
PMBUS-CLK
PMBUS-DATA
TMS/FUNC2
(1)
TRST
TDO/FUNC2
(1)
TDI/FUNC2
(1)
TCK/FUNC2
(1)
RESET
UCD3040
UCD3028
UCD3020
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
www.ti.com
UCD3020 Pin Assignments
(1)
FUNC2 for the four pins TMS, TDI, TDO, and TCK indicates secondary functions available on these pins. These are
configurable by the IO_FUNC_MODE bits in the I/O Functional Multiplexer Control register (IOMUXCTRL).
The UCD3020 is available in a plastic 48-pin QFN package.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: UCD3040 UCD3028 UCD3020


Similar Part No. - UCD3040_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3040PFC TI1-UCD3040PFC Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
UCD3040PFCR TI-UCD3040PFCR Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
UCD3040PFCR TI1-UCD3040PFCR Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
UCD3040RGCR TI-UCD3040RGCR Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
UCD3040RGCR TI1-UCD3040RGCR Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
More results

Similar Description - UCD3040_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3020 TI1-UCC3020 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
   Digital Power PoE PD Controllers
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com