Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD3040 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCD3040
Description  Digital Power Controllers
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3040 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD3040_15 Datasheet HTML 5Page - Texas Instruments UCD3040_15 Datasheet HTML 6Page - Texas Instruments UCD3040_15 Datasheet HTML 7Page - Texas Instruments UCD3040_15 Datasheet HTML 8Page - Texas Instruments UCD3040_15 Datasheet HTML 9Page - Texas Instruments UCD3040_15 Datasheet HTML 10Page - Texas Instruments UCD3040_15 Datasheet HTML 11Page - Texas Instruments UCD3040_15 Datasheet HTML 12Page - Texas Instruments UCD3040_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ThermalPad
RGCPackage
(TopView)
AD-03|COMP2
AD-04|COMP3
AD-05|COMP4
AD-08
AD-09
AD-10
V33D
V33A
V33DIO
V33DIO
DGND
DGND
AGND
BPCAP
RESET
TRST
TMS/FUNC2
(1)
TDI/FUNC2
(1)
TDO/FUNC2
(1)
TCK/FUNC2
(1)
RET_CLK
GPIO_32/FAULT-4A
GPIO_10/FAULT-2A
GPIO_08/FAULT-1A
GPIO_33/FAULT-4B
GPIO_31/FAULT-3B
GPIO_11/FAULT-2B
GPIO_09/FAULT-1B
GPIO_20/PWM3
GPIO_21/PWM4
PMBUS-CLK
PMBUS-DATA
UCD3040
UCD3028
UCD3020
www.ti.com
SLUS868H – DECEMBER 2009 – REVISED OCTOBER 2013
(1)
FUNC2 for the four pins TMS, TDI, TDO, and TCK indicates secondary functions available on these pins. These are
configurable by the IO_FUNC_MODE bits in the I/O Functional Multiplexer Control register (IOMUXCTRL).
The UCD3040 is available in a plastic 80-pin TQFP package and a 64-pin QFN package.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCD3040 UCD3028 UCD3020


Similar Part No. - UCD3040_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD3040PFC TI1-UCD3040PFC Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
UCD3040PFCR TI-UCD3040PFCR Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
UCD3040PFCR TI1-UCD3040PFCR Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
UCD3040RGCR TI-UCD3040RGCR Datasheet
214Kb / 4P
[Old version datasheet]   PACKAGE MATERIALS INFORMATION
UCD3040RGCR TI1-UCD3040RGCR Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
More results

Similar Description - UCD3040_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3020 TI1-UCC3020 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
   Digital Power PoE PD Controllers
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
   Digital Temperature Controllers
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
   Digital Temperature Controllers
E5GN OMRON-E5GN Datasheet
104Kb / 6P
   Digital Temperature Controllers
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
   Z8 DIGITAL TELEVISION CONTROLLERS
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
[Old version datasheet]   Digital Signal Controllers (DSCs)
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
[Old version datasheet]   Digital Signal Controllers (DSCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com