Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21571DSPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS21571DSPBF
Description  FULLY INTEGRATED BALLAST CONTROL IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21571DSPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS21571DSPBF_15 Datasheet HTML 2Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 3Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 4Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 5Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 6Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 7Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 8Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 9Page - International Rectifier IRS21571DSPBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IRS21571D
www.irf.com
© 2008 International Rectifier
6
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High Side Floating Supply Voltage
VBSUV+
VCLAMP
V
VS
Steady State High Side Floating Supply Offset Voltage
-3.0
600
V
VCC
Supply Voltage
VCCUV+
VCLAMP
V
ICC
Supply Current
10
mA
VDC
VDC Pin Voltage
0
VCC
V
CT
CT Pin Capacitance
220
---
pF
RDT
Deadtime Resistance
1.0
---
k
Ω
ROC
Over-Current (CS+) Threshold Programming Resistance
---
50
k
Ω
IRT
RT Pin Current
††
-500
-50
µA
IRPH
RPH Pin Current
††
0
450
µA
IRUN
RUN Pin Current
††
0
450
µA
ISD
Shutdown Pin Current
-1
1
mA
ICS
Current Sense Pin Current
-1
1
mA
TJ
Junction Temperature
-40
125
ºC
Enough current should be supplied into the VCC pin to keep the internal 15.6V zener clamp diode on
this pin regulating its voltage.
††
Due to the fact that the RT input is a voltage-controlled current source, the total RT pin current is sum
of all of the parallel current sources connected to that pin. For optimum oscillator current mirror
performance, this total current should be kept between 50
μA and 500μA. During the preheat mode,
the total current flowing out of the RT pin consists of the RPH pin current plus the current due to the
RT resistor. During the run mode, the total RT pin current consists of the RUN pin current plus the
the current due to the RT resistor.


Similar Part No. - IRS21571DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
More results

Similar Description - IRS21571DSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com