Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28633DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28633DR
Description  High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28633DR Datasheet(HTML) 1 Page - Texas Instruments

  UCC28633DR Datasheet HTML 1Page - Texas Instruments UCC28633DR Datasheet HTML 2Page - Texas Instruments UCC28633DR Datasheet HTML 3Page - Texas Instruments UCC28633DR Datasheet HTML 4Page - Texas Instruments UCC28633DR Datasheet HTML 5Page - Texas Instruments UCC28633DR Datasheet HTML 6Page - Texas Instruments UCC28633DR Datasheet HTML 7Page - Texas Instruments UCC28633DR Datasheet HTML 8Page - Texas Instruments UCC28633DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
SD
GND
VSENSE
CS
HV
VDD
DRV
UCC28630
1
2
3
4
8
6
5
EMC
Filter
t
o
VAC
VOUT
18
18.5
19
19.5
20
20.5
21
0
10
20
30
40
50
60
70
Output Power (W)
+5% Limit
115V/60 Hz
230V/50 Hz
±5% Limit
C001
“ 1% Typical
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCC28630
UCC28631
UCC28632, UCC28633
SLUSBW3C – MARCH 2014 – REVISED MARCH 2015
UCC28630, UCC28631, UCC28632 and UCC28633, High-Power Flyback Controller
with Primary-Side Regulation and Peak-Power Mode
1 Features
3 Description
The UCC2863x targets high-power, primary-side
1
High-Power, Primary-Side Regulation for Output
regulated flyback converters. The powerful gate driver
Voltage and Current, No Opto-Coupler Required
and ability to operate in both CCM and DCM make
Continuous Conduction Mode (CCM) and
the device suitable for applications with a wide power
Discontinuous Conduction Mode (DCM) Operation
range. The peak power mode allows transient peak
power delivery up to 200% of nominal rating, with
Built-In 700-V Start-Up Current Source
only a 25% peak current increase, maximizing
Active X-Capacitor Discharge Function
transformer utilization.
(UCC28630 and UCC28633)
The transformer bias winding is used to sense output
Adjustable Constant-Current (CC) Mode Limiting
voltage for regulation, and for low-loss input voltage
(except for UCC28630)
sensing.
Advanced
sampling
and
processing
High Gate Drive Current 1-A Source and 2-A Sink
techniques
allow
CCM
operation,
and
deliver
Low Power Modes for <30-mW System Standby
excellent output voltage regulation performance for
opto-coupler-less designs at power levels of 100 W
Best-In-Class Light Load (10%) Efficiency >85%
and above.
for 65-W Nominal Power Design
Peak-Power Mode for Transient Overload
A high-voltage current source enables fast and
efficient start-up. Advanced light-load modes are
Shutdown Pin Interface for External NTC
deployed (including switching frequency modulation
Protections: Overvoltage, Overcurrent, Over-
and device sleep modes) to reduce both controller
Temperature, Overload Timer (UCC28630), AC
and system power consumption at no load and light
Line UV, Brownout and Pin Protections
load. These modes enable potential system designs
to meet 30-mW no-load power for power designs up
Frequency Dither to Ease EMI Compliance
to 30 W nominal, 60 W peak.
(except the UCC28632)
The device has been designed for ease-of-use and
2 Applications
incorporates many features to enable a wide range of
designs. Extensive protection features are included to
AC-DC Adapters for Notebook, Game Consoles,
simplify system design.
Printers
Open Frame SMPS for Industrial, Printer, White
Device Information
Goods, LCD Monitors
PART NUMBER
PACKAGE
BODY SIZE
Energy Efficient AC-DC Supplies for Nominal
UCC28630
Power 10-W to 65-W, (with up to 200% transient
UCC28631
peak power)
SOIC (7)
4.90 mm x 3.90 mm
UCC28632
UCC28633
4 Simplified Schematic
Typical Application Measured Regulation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC28633DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28633DR TI1-UCC28633DR Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
More results

Similar Description - UCC28633DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
[Old version datasheet]   High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3772H BCDSEMI-AP3772H Datasheet
258Kb / 12P
   Low-Power Off-line Primary Side Regulation Controller
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com